Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 587 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 587 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 583Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 584Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 585Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 586Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 587Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 588Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 589Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 590Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 591Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 587 / 976 page
background image
The Generic FlexCAN2 Module
MAC7200 Microcontroller Family Reference Manual, Rev. 2
Freescale Semiconductor
509
28.2.4.6
Doze Mode:
This low power mode is entered when the DOZE bit in MCR is asserted and Doze Mode is requested at
MCU level. When in Doze Mode, the module shuts down the clocks to the CAN Protocol Interface and
the Message Buffer Management sub-modules. Exit from this mode happens when the DOZE bit in MCR
is negated, when the MCU is removed from Doze Mode, or when activity is detected on the CAN bus and
the Self Wake Up mechanism is enabled. See Section 28.2.7.8.3, “Doze Mode,” for more information.
28.2.4.7
Stop Mode:
This low power mode is entered when Stop Mode is requested at MCU level. When in Stop Mode, the
module puts itself in an inactive state and then informs the CPU that the clocks can be shut down globally.
Exit from this mode happens when the Stop Mode request is removed or when activity is detected on the
CAN bus and the Self Wake Up mechanism is enabled. See Section 28.2.7.8.4, “Stop Mode,” for more
information.
28.2.5
External Signal Descriptions
The FlexCAN module has two I/O signals connected to the external MCU pins. These signals are
summarized in Table 28-3 and described in more detail in the next sub-sections.
28.2.5.1
CAN Rx
This pin is the receive pin from the CAN bus transceiver. Dominant state is represented by logic level ‘0’.
Recessive state is represented by logic level ‘1’.
28.2.5.2
CAN Tx
This pin is the transmit pin to the CAN bus transceiver. Dominant state is represented by logic level ‘0’.
Recessive state is represented by logic level ‘1’.
28.2.6
Memory Map and Register Definition
This section describes the registers and data structures in the FlexCAN module. The base address of the
module depends on the particular memory map of the MCU. The addresses presented here are relative to
the base address.
Table 28-3. FlexCAN Signals
Signal Name1
1. The actual MCU pins may have different names. Please consult Chapter 9, “Device
Memory Map” for the actual signal names.
Direction
Description
CAN Rx
Input
CAN Receive Pin
CAN Tx
Output
CAN Transmit Pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com