Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 597 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 597 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 593Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 594Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 595Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 596Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 597Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 598Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 599Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 600Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 601Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 597 / 976 page
background image
The Generic FlexCAN2 Module
MAC7200 Microcontroller Family Reference Manual, Rev. 2
Freescale Semiconductor
519
13
CLK_SRC
CAN Engine Clock Source. This bit selects the clock source to the CAN Protocol Interface (CPI) to be
either the peripheral clock (driven by the PLL) or the crystal oscillator clock. The selected clock is the one
fed to the prescaler to generate the Serial Clock (Sclock). In order to guarantee reliable operation, this bit
should only be changed while the module is in Disable Mode. See Section 28.2.7.7.4, “Protocol Timing,”
for more information.
0 The CAN engine clock source is the oscillator clock1The CAN engine clock source is the bus clock
Note: This clock selection feature may not be available in all MCUs. A particular MCU may not have a
PLL, in which case it would have only the oscillator clock, or it may use only the PLL clock feeding the
FlexCAN module. In these cases, this bit has no effect on the module operation.
12
LPB
Loop Back. This bit configures FlexCAN to operate in Loop-Back Mode. In this mode, FlexCAN performs
an internal loop back that can be used for self test operation. The bit stream output of the transmitter is
fed back internally to the receiver input. The Rx CAN input pin is ignored and the Tx CAN output goes to
the recessive state (logic ‘1’). FlexCAN behaves as it normally does when transmitting, and treats its own
transmitted message as a message received from a remote node. In this mode, FlexCAN ignores the bit
sent during the ACK slot in the CAN frame acknowledge field, generating an internal acknowledge bit to
ensure proper reception of its own message. Both transmit and receive interrupts are generated.
0 Loop Back disabled
1 Loop Back enabled
11
TWRN_MSK
Tx Warning Interrupt Mask. This bit provides a mask for the Tx Warning Interrupt associated with the
TWRN_INT flag in the Error and Status Register. This bit has no effect if the WRN_EN bit in MCR is
negated, and it is read as zero when WRN_EN is negated.
0 Tx Warning Interrupt disabled
1 Warning Interrupt enabled
10
RWRN_MSK
Rx Warning Interrupt Mask. This bit provides a mask for the Rx Warning Interrupt associated with the
RWRN_INT flag in the Error and Status Register. This bit has no effect if the WRN_EN bit in MCR is
negated, and it is read as zero when WRN_EN is negated.
0 Rx Warning Interrupt disabled
1 Rx Warning Interrupt enabled
9–8
Reserved, should be cleared.
7
SMP
Sampling Mode. This bit defines the sampling mode of CAN bits at the Rx input.
0 Just one sample is used to determine the bit value
1 Three samples are used to determine the value of the received bit: the regular one (sample point) and
2 preceding samples, a majority rule is used
6
BOFF_REC
Bus Off Recovery Mode. This bit defines how FlexCAN recovers from Bus Off state. If this bit is negated,
automatic recovering from Bus Off state occurs according to the CAN Specification 2.0B. If the bit is
asserted, automatic recovering from Bus Off is disabled and the module remains in Bus Off state until the
bit is negated by the user. If the negation occurs before 128 sequences of 11 recessive bits are detected
on the CAN bus, then Bus Off recovery happens as if the BOFF_REC bit had never been asserted. If the
negation occurs after 128 sequences of 11 recessive bits occurred, then FlexCAN will re-synchronize to
the bus by waiting for 11 recessive bits before joining the bus. After negation, the BOFF_REC bit can be
re-asserted again during Bus Off, but it will only be effective the next time the module enters Bus Off. If
BOFF_REC was negated when the module entered Bus Off, asserting it during Bus Off will not be
effective for the current Bus Off recovery.
0 Automatic recovering from Bus Off state enabled, according to CAN Spec 2.0 part B
1 Automatic recovering from Bus Off state disabled
Table 28-10. CTRL Field Descriptions (Continued)
Field
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com