Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 600 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 600 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 596Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 597Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 598Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 599Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 600Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 601Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 602Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 603Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 604Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 600 / 976 page
background image
The Generic FlexCAN2 Module
MAC7200 Microcontroller Family Reference Manual, Rev. 2
522
Freescale Semiconductor
28.2.6.3.5
Rx 14 Mask (RX14MASK)
This register is provided for legacy support and for low cost MCUs that do not have the individual masking
per Message Buffer feature. See Section 28.2.6.3.11, “Rx Individual Mask Registers
(RXIMR0–RXIMR63).” For MCUs supporting individual masks per MB, setting the BCC bit in MCR
causes the RX14MASK Register to have no effect on the module operation.
RX14MASK is used as acceptance mask for the Identifier in Message Buffer 14. This register has the same
structure as the Rx Global Mask Register. It must be programmed while the module is in Freeze Mode,
and must not be modified when the module is transmitting or receiving frames.
•
Address Offset: $14
•
Reset Value: $1FFF_FFFF
28.2.6.3.6
Rx 15 Mask (RX15MASK)
This register is provided for legacy support and for low cost MCUs that do not have the individual masking
per Message Buffer feature. See Section 28.2.6.3.11, “Rx Individual Mask Registers
(RXIMR0–RXIMR63).” For MCUs supporting individual masks per MB, setting the BCC bit in MCR
causes the RX15MASK Register to have no effect on the module operation.
When the BCC bit is negated, RX15MASK is used as acceptance mask for the Identifier in Message Buffer
15. This register has the same structure as the Rx Global Mask Register. It must be programmed while the
module is in Freeze Mode, and must not be modified when the module is transmitting or receiving frames.
•
Address Offset: $18
•
Reset Value: $1FFF_FFFF
28.2.6.3.7
Error Counter Register (ECR)
This register has 2 8-bit fields reflecting the value of two FlexCAN error counters: Transmit Error Counter
(Tx_Err_Counter field) and Receive Error Counter (Rx_Err_Counter field). The rules for increasing and
decreasing these counters are described in the CAN protocol and are completely implemented in the
FlexCAN module. Both counters are read only except in Freeze Mode, where they can be written by the
CPU.
Writing to the Error Counter Register while in Freeze Mode is an indirect operation. The data is first
written to an auxiliary register and then an internal request/acknowledge procedure across clock domains
is executed. All this is transparent to the user, except for the fact that the data will take some time to be
Table 28-11. RXGMASK Field Descriptions
Field
Description
31–29
Reserved, should be cleared.
28–18
MI28–MI18
Standard ID Mask Bits. These bits are the same mask bits for the Standard and Extended Formats.
17–0
MI17–MI0
Extended ID Mask Bits. These bits are used to mask comparison only in Extended Format.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com