Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 602 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 602 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 598Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 599Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 600Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 601Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 602Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 603Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 604Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 605Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 606Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 602 / 976 page
background image
The Generic FlexCAN2 Module
MAC7200 Microcontroller Family Reference Manual, Rev. 2
524
Freescale Semiconductor
28.2.6.3.8
Error and Status Register (ESR)
This register reflects various error conditions, some general status of the device and it is the source of four
interrupts to the CPU. The reported error conditions (bits 15–10) are those that occurred since the last time
the CPU read this register. The CPU read action clears bits 15–10. Bits 9–4 are status bits.
Most bits in this register are read only, except TWRN_INT, RWRN_INT, BOFF_INT, WAK_INT and
ERR_INT, that are interrupt flags that can be cleared by writing ‘1’ to them (writing ‘0’ has no effect). See
Section 28.2.7.9, “Interrupts,” for more details.
Address: Base + $0020
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
R
00000000000000
W
Reset
000000000000000
0
15
14
13
12
11
10
9876543210
R
IDLE TXRX FLT_CONF
0
W
Reset
000000000000000
0
Figure 28-8. Error and Status Register (ESR)
Table 28-12. ESR Field Descriptions
Field
Description
31–18
Reserved, should be cleared.
17
TWRN_INT
Tx Warning Interrupt Flag. If the WRN_EN bit in MCR is asserted, the TWRN_INT bit is set when the
TX_WRN flag transition from ‘0’ to ‘1’, meaning that the Tx error counter reached 96. If the corresponding
mask bit in the Control Register (TWRN_MSK) is set, an interrupt is generated to the CPU. This bit is
cleared by writing it to ‘1’. Writing ‘0’ has no effect.
0 No such occurrence
1 The Tx error counter transition from < 96 to
≥ 96
16
RWRN_INT
Rx Warning Interrupt Flag. If the WRN_EN bit in MCR is asserted, the RWRN_INT bit is set when the
RX_WRN flag transition from ‘0’ to ‘1’, meaning that the Rx error counter reached 96. If the corresponding
mask bit in the Control Register (RWRN_MSK) is set, an interrupt is generated to the CPU. This bit is
cleared by writing it to ‘1’. Writing ‘0’ has no effect.
0 No such occurrence
1 The Rx error counter transition from < 96 to
≥ 96
15
BIT1_ERR
Bit1 Error. This bit indicates when an inconsistency occurs between the transmitted and the received bit
in a message.
0 No such occurrence1At least one bit sent as recessive is received as dominant
Note: This bit is not set by a transmitter in case of arbitration field or ACK slot, or in case of a node sending
a passive error flag that detects dominant bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com