Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 603 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 603 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 599Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 600Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 601Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 602Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 603Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 604Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 605Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 606Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 607Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 603 / 976 page
background image
The Generic FlexCAN2 Module
MAC7200 Microcontroller Family Reference Manual, Rev. 2
Freescale Semiconductor
525
14
BIT0_ERR
Bit0 Error. This bit indicates when an inconsistency occurs between the transmitted and the received bit
in a message.
0 No such occurrence
1 At least one bit sent as dominant is received as recessive
13
ACK_ERR
Acknowledge Error. This bit indicates that an Acknowledge Error has been detected by the transmitter
node, i.e., a dominant bit has not been detected during the ACK SLOT.
0 No such occurrence
1 An ACK error occurred since last read of this register
12
CRC_ERR
Cyclic Redundancy Check Error. This bit indicates that a CRC Error has been detected by the receiver
node, i.e., the calculated CRC is different from the received.
0 No such occurrence
1 A CRC error occurred since last read of this register.
11
FRM_ERR
Form Error. This bit indicates that a Form Error has been detected by the receiver node, i.e., a fixed-form
bit field contains at least one illegal bit.
10
STF_ERR
Stuffing Error. This bit indicates that a Stuffing Error has been detected.
0 No such occurrence.
1 A Stuffing Error occurred since last read of this register.
9
TX_WRN
TX Error Counter. This bit indicates that repetitive errors are occurring during message transmission. If
the BCC bit in MCR is asserted, then when TX_WRN changes from 0 to 1, the WRN_INT flag is set and
an interrupt request is generated if allowed by the WRN_MSK bit in CTRL. After the WRN_INT flag is set,
no further updates will happen to TX_WRN until the WRN_INT flag is cleared by the CPU (by writing ‘1’
to it).
0 No such occurrence
1 TX_Err_Counter
≥ 96
8
RX_WRN
Rx Error Counter. This bit indicates when repetitive errors are occurring during message reception. If the
BCC bit in MCR is asserted, then when RX_WRN changes from 0 to 1, the WRN_INT flag is set and an
interrupt request is generated if allowed by the WRN_MSK bit in CTRL. After the WRN_INT flag is set,
no further updates will happen to RX_WRN until the WRN_INT flag is cleared by the CPU (by writing ‘1’
to it).
0 No such occurrence
1 Rx_Err_Counter
≥ 96
7
IDLE
CAN bus IDLE state. This bit indicates when CAN bus is in IDLE state.
0 No such occurrence
1 CAN bus is now IDLE
6
TXRX
Current FlexCAN status (transmitting/receiving). This bit indicates if FlexCAN is transmitting or receiving
a message when the CAN bus is not in IDLE state. This bit has no meaning when IDLE is asserted.
0 FlexCAN is receiving a message (IDLE=0)
1 FlexCAN is transmitting a message (IDLE=0)
5–4
FLT_CONF
Fault Confinement State. This 2-bit field indicates the Confinement State of the FlexCAN module, as
shown in the values below. If the LOM bit in the Control Register is asserted, the FLT_CONF field will
indicate “Error Passive”. Since the Control Register is not affected by soft reset, the FLT_CONF field will
not be affected by soft reset if the LOM bit is asserted.
00 Error active
01 Error passive
1X Bus off
3
Reserved, should be cleared.
Table 28-12. ESR Field Descriptions (Continued)
Field
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com