Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 605 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 605 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 601Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 602Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 603Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 604Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 605Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 606Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 607Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 608Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 609Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 605 / 976 page
background image
The Generic FlexCAN2 Module
MAC7200 Microcontroller Family Reference Manual, Rev. 2
Freescale Semiconductor
527
28.2.6.3.10
Interrupt Flags 1 Register (IFLAG1)
This register defines the flags for 32 Message Buffer interrupts. It contains one interrupt flag bit per buffer.
Each successful transmission or reception sets the corresponding IFLAG1 bit. If the corresponding
IMASK1 bit is set, an interrupt will be generated. The Interrupt flag must be cleared by writing it to ‘1’.
Writing ‘0’ has no effect.
28.2.6.3.11
Rx Individual Mask Registers (RXIMR0–RXIMR63)
These registers are used as acceptance masks for received frame ID, in both Standard and Extended ID
formats. One mask register is provided for each Message Buffer for individual ID masking per Message
Buffer. The meaning of each mask bit is the following:
•
Mask bit = 0: the corresponding incoming ID bit is “don’t care”
•
Mask bit = 1: the corresponding ID bit is checked against the incoming ID bit, to see if a match
exists
The Individual Rx Mask Registers are implemented in RAM, so they are not affected by reset and must be
explicitly initialized prior to any reception. Furthermore, they can only be accessed by the CPU while the
module is in Freeze Mode. Out of Freeze Mode, write accesses are blocked and read accesses will return
“all zeros”. Furthermore, if the BCC bit in the MCR Register is negated, any read or write operation to
these registers results in access error.
Address: Base + $0030
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
R BUF
31I
BUF
30I
BUF
29I
BUF
28I
BUF
27I
BUF
26I
BUF
25I
BUF
24I
BUF
23I
BUF
22I
BUF
21I
BUF
20I
BUF
19I
BUF
18I
BUF
17I
BUF
16I
W
Reset
000000000000000
0
15
14
13
12
11
10
9876543210
R BUF
15I
BUF
14I
BUF
13I
BUF
12I
BUF
11I
BUF
10I
BUF
9I
BUF
8I
BUF
7I
BUF
6I
BUF
5I
BUF
4I
BUF
3I
BUF
2I
BUF
1I
BUF
0I
W
Reset
000000000000000
0
Figure 28-10. Interrupt Flags 1 Register (IFLAG1)
Table 28-14. IFLAG1 Field Descriptions
Field
Description
31–0
BUF31I–
BUF0I
Buffer MBi Interrupt. Each bit flags the respective FlexCAN Message Buffer (MB0 to MB31) interrupt.
0 No such occurrence
1 The corresponding buffer has successfully completed transmission or reception



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com