Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 604 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 604 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 600Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 601Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 602Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 603Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 604Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 605Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 606Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 607Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 608Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 604 / 976 page
background image
The Generic FlexCAN2 Module
MAC7200 Microcontroller Family Reference Manual, Rev. 2
526
Freescale Semiconductor
28.2.6.3.9
Interrupt Masks 1 Register (IMASK1)
This register allows to enable or disable any number of a range of 32 Message Buffer Interrupts. It contains
one interrupt mask bit per buffer, enabling the CPU to determine which buffer generates an interrupt after
a successful transmission or reception (i.e., when the corresponding IFLAG1 bit is set).
2
BOFF_INT
‘Bus Off’ Interrupt. This bit is set when FlexCAN enters ‘Bus Off’ state. If the corresponding mask bit in
the Control Register (BOFF_MSK) is set, an interrupt is generated to the CPU. This bit is cleared by
writing it to ‘1’. Writing ‘0’ has no effect.
0 No such occurrence
1 FlexCAN module entered ‘Bus Off’ state
1
ERR_INT
Error Interrupt. This bit indicates that at least one of the Error Bits (bits 15-10) is set. If the corresponding
mask bit in the Control Register (ERR_MSK) is set, an interrupt is generated to the CPU. This bit is
cleared by writing it to ‘1’.Writing ‘0’ has no effect.
0 No such occurrence
1 Indicates setting of any Error Bit in the Error and Status Register
0
WAK_INT
Wake-Up Interrupt. When FlexCAN is in Doze Mode or Stop Mode and a recessive to dominant transition
is detected on the CAN bus and if the WAK_MSK bit in the MCR Register is set, an interrupt is generated
to the CPU. This bit is cleared by writing it to ‘1’. Writing ‘0’ has no effect.
0 No such occurrence
1 Indicates a recessive to dominant transition received on the CAN bus when the FlexCAN module is in
Doze Mode or Stop Mode
Address: Base + $0028
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
R BUF
31M
BUF
30M
BUF
29M
BUF
28M
BUF
27M
BUF
26M
BUF
25M
BUF
24M
BUF
23M
BUF
22M
BUF
21M
BUF
20M
BUF
19M
BUF
18M
BUF
17M
BUF
16M
W
Reset
000000000000000
0
15
14
13
12
11
10
9876543210
R BUF
15M
BUF
14M
BUF
13M
BUF
12M
BUF
11M
BUF
10M
BUF
9M
BUF
8M
BUF
7M
BUF
6M
BUF
5M
BUF
4M
BUF
3M
BUF
2M
BUF
1M
BUF
0M
W
Reset
000000000000000
0
Figure 28-9. Interrupt Masks 1 Register (IMASK1)
Table 28-13. IMASK1 Field Descriptions
Field
Description
31–0
BUF31M–
BUF0M
Buffer MBi Mask. Each bit enables or disables the respective FlexCAN Message Buffer (MB0 to MB31)
Interrupt.
0 The corresponding buffer Interrupt is disabled1The corresponding buffer Interrupt is enabled
Note: Setting or clearing a bit in the IMASK1 Register can assert or negate an interrupt request, if the
corresponding IFLAG1 bit is set.
Table 28-12. ESR Field Descriptions (Continued)
Field
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com