Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 601 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 601 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 597Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 598Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 599Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 600Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 601Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 602Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 603Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 604Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 605Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 601 / 976 page
background image
The Generic FlexCAN2 Module
MAC7200 Microcontroller Family Reference Manual, Rev. 2
Freescale Semiconductor
523
actually written to the register. If desired, software can poll the register to discover when the data was
actually written.
FlexCAN responds to any bus state as described in the protocol, e.g. transmit ‘Error Active’ or ‘Error
Passive’ flag, delay its transmission start time (‘Error Passive’) and avoid any influence on the bus when
in ‘Bus Off’ state. The following are the basic rules for FlexCAN bus state transitions.
•
If the value of Tx_Err_Counter or Rx_Err_Counter increases to be greater than or equal to 128, the
FLT_CONF field in the Error and Status Register is updated to reflect ‘Error Passive’ state.
•
If the FlexCAN state is ‘Error Passive’, and either Tx_Err_Counter or Rx_Err_Counter decrements
to a value less than or equal to 127 while the other already satisfies this condition, the FLT_CONF
field in the Error and Status Register is updated to reflect ‘Error Active’ state.
•
If the value of Tx_Err_Counter increases to be greater than 255, the FLT_CONF field in the Error
and Status Register is updated to reflect ‘Bus Off’ state, and an interrupt may be issued. The value
of Tx_Err_Counter is then reset to zero.
•
If FlexCAN is in ‘Bus Off’ state, then Tx_Err_Counter is cascaded together with another internal
counter to count the 128th occurrences of 11 consecutive recessive bits on the bus. Hence,
Tx_Err_Counter is reset to zero and counts in a manner where the internal counter counts 11 such
bits and then wraps around while incrementing the Tx_Err_Counter. When Tx_Err_Counter
reaches the value of 128, the FLT_CONF field in the Error and Status Register is updated to be
‘Error Active’ and both error counters are reset to zero. At any instance of dominant bit following
a stream of less than 11 consecutive recessive bits, the internal counter resets itself to zero without
affecting the Tx_Err_Counter value.
•
If during system start-up, only one node is operating, then its Tx_Err_Counter increases in each
message it is trying to transmit, as a result of acknowledge errors (indicated by the ACK_ERR bit
in the Error and Status Register). After the transition to ‘Error Passive’ state, the Tx_Err_Counter
does not increment anymore by acknowledge errors. Therefore the device never goes to the ‘Bus
Off’ state.
•
If the Rx_Err_Counter increases to a value greater than 127, it is not incremented further, even if
more errors are detected while being a receiver. At the next successful message reception, the
counter is set to a value between 119 and 127 to resume to ‘Error Active’ state.
Address: Base + $001C
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
R
000000000000000
0
W
Reset
000000000000000
0
15
14
13
12
11
10
9876543210
R
Rx_Err_Counter
Tx_Err_Counter
W
Reset
000000000000000
0
Figure 28-7. Error Counter Register (ECR)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com