Electronic Components Datasheet Search
  English  ▼

X  

915GL Datasheet(PDF) 65 Page - Intel Corporation

Part # 915GL
Description  Express Chipset
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

915GL Datasheet(HTML) 65 Page - Intel Corporation

Back Button 915GL Datasheet HTML 61Page - Intel Corporation 915GL Datasheet HTML 62Page - Intel Corporation 915GL Datasheet HTML 63Page - Intel Corporation 915GL Datasheet HTML 64Page - Intel Corporation 915GL Datasheet HTML 65Page - Intel Corporation 915GL Datasheet HTML 66Page - Intel Corporation 915GL Datasheet HTML 67Page - Intel Corporation 915GL Datasheet HTML 68Page - Intel Corporation 915GL Datasheet HTML 69Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 426 page
background image
Host Bridge/DRAM Controller Registers (D0:F0)
R
Datasheet
65
4
Host Bridge/DRAM Controller
Registers (D0:F0)
The DRAM Controller registers are in Device 0 (D0), Function 0 (F0).
Warning: Address locations that are not listed are considered Reserved registers locations. Reads to
Reserved registers may return non-zero values. Writes to reserved locations may cause system
failures.
All registers that are defined in the PCI 2.3 specification, but are not necessary or implemented in
this component are not included in this document. The reserved/unimplemented space in the PCI
configuration header space is not documented as such in this summary.
Table 4-1. Device 0 Function 0 Register Address Map Summary
Address
Offset
Register
Symbol
Register Name
Default
Value
Access
00–01h
VID
Vendor Identification
8086h
RO
02–03h
DID
Device Identification
2580h
RO
04–05h
PCICMD
PCI Command
0006h
RO, R/W
06–07h
PCISTS
PCI Status
0090h
RO,
R/W/C
08h
RID
Revision Identification
See register
description
RO
09–0Bh
CC
Class Code
060000h
RO
0Ch
—
Reserved
—
—
0Dh
MLT
Master Latency Timer
00h
RO
0Eh
HDR
Header Type
00h
RO
0F–2Bh
—
Reserved
—
—
2C–2Dh
SVID
Subsystem Vendor Identification
0000h
R/W/O
2E–2Fh
SID
Subsystem Identification
0000h
R/W/O
30–33h
—
Reserved
—
—
34h
CAPPTR
Capabilities Pointer
EOh
RO
35–3Fh
—
Reserved
—
—
40–43h
EPBAR
Egress Port Base Address
00000000h
RO
44–47h
MCHBAR
GMCH Memory Mapped Register Range
Base Address
00000000h
R/W
48–4Bh
PCIEXBAR
PCI Express* Register Range Base Address
E0000000h
R/W
4C–4Fh
DMIBAR
Root Complex Register Range Base
Address
00000000h
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com