Electronic Components Datasheet Search
  English  ▼

X  

915GL Datasheet(PDF) 99 Page - Intel Corporation

Part # 915GL
Description  Express Chipset
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

915GL Datasheet(HTML) 99 Page - Intel Corporation

Back Button 915GL Datasheet HTML 95Page - Intel Corporation 915GL Datasheet HTML 96Page - Intel Corporation 915GL Datasheet HTML 97Page - Intel Corporation 915GL Datasheet HTML 98Page - Intel Corporation 915GL Datasheet HTML 99Page - Intel Corporation 915GL Datasheet HTML 100Page - Intel Corporation 915GL Datasheet HTML 101Page - Intel Corporation 915GL Datasheet HTML 102Page - Intel Corporation 915GL Datasheet HTML 103Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 426 page
background image
MCHBAR Registers
R
Datasheet
99
5.1.5
C0DRA0—Channel A DRAM Rank 0,1 Attribute
MMIO Range:
MCHBAR
Address Offset:
108h
Default Value:
00h
Access:
R/W
Size:
8 bits
The DRAM Rank Attribute Registers define the page sizes to be used when accessing different
ranks. These registers should be left with their default value (all zeros) for any rank that is
unpopulated, as determined by the corresponding CxDRB registers. Each byte of information in
the CxDRA registers describes the page size of a pair of ranks.
Channel and Rank Map:
Channel A Rank 0, 1:
108h
Channel A Rank 2, 3:
109h
Channel B Rank 0, 1:
188h
Channel B Rank 2, 3:
189h
Bit
Access &
Default
Description
7
Reserved
6:4
R/W
000b
Channel A DRAM odd Rank Attribute: This 3 bit field defines the page size of
the corresponding rank.
000 = Unpopulated
001 = Reserved
010 = 4 KB
011 = 8 KB
100 = 16 KB
Others = Reserved
3
Reserved
2:0
R/W
000b
Channel A DRAM even Rank Attribute: This 3 bit field defines the page size of
the corresponding rank.
000 = Unpopulated
001 = Reserved
010 = 4 KB
011 = 8 KB
100 = 16 KB
Others = Reserved
5.1.6
C0DRA2—Channel A DRAM Rank 2,3 Attribute
MMIO Range:
MCHBAR
Address Offset:
109h
Default Value:
00h
Access:
R/W
Size:
8 bits
The operation of this register is detailed in the description for register C0DRA0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com