Electronic Components Datasheet Search
  English  ▼

X  

915GL Datasheet(PDF) 62 Page - Intel Corporation

Part # 915GL
Description  Express Chipset
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

915GL Datasheet(HTML) 62 Page - Intel Corporation

Back Button 915GL Datasheet HTML 58Page - Intel Corporation 915GL Datasheet HTML 59Page - Intel Corporation 915GL Datasheet HTML 60Page - Intel Corporation 915GL Datasheet HTML 61Page - Intel Corporation 915GL Datasheet HTML 62Page - Intel Corporation 915GL Datasheet HTML 63Page - Intel Corporation 915GL Datasheet HTML 64Page - Intel Corporation 915GL Datasheet HTML 65Page - Intel Corporation 915GL Datasheet HTML 66Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 426 page
background image
Register Description
R
62
Datasheet
3.3.5
Intel
® 915x GMCH Configuration Cycle Flowchart
Figure 3-6. Intel
® 915x GMCH Configuration Cycle Flowchart
DW I/O W rite to
CONFIG_ADDRES
S with bit 31 = 1
I/O Read/W rite to
CONFIG_DATA
GMCH Generates
Type 1 Access to
PCI Express
MCH allows cycle to
go to DMI resulting in
Master Abort
Bus# > Sec Bus
Bus#
≤ Sub Bus
in GMCH Dev 1
Bus# = 0
Device# = 1 &
Dev # 1 Enabled
Device# = 0
Device# = 2 &
Dev# 2
Enabled
GMCH Generates MISI
Type 1Configuration
Cycle
Bus# =
Secondary Bus in
GMCH Dev 1
GMCH Generates DMI
Type 0 Configuration
Cycle
Device# = 7&
Dev# 7 Enabled
GMCH Claims if
Function# = 0
GMCH Claims if
Function# = 0
GMCH Claims if
Function# = 0
GMCH Claims if
Function# = 0
Yes
No
Yes
Yes
No
No
Yes
Yes
Yes
Yes
No
No
No
No
No
Device# = 0
GMCH Generates
Type 0 Accessto
PCI Express
Yes
Config_Cyc_Flow_915



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com