Electronic Components Datasheet Search
  English  ▼

X  

915GL Datasheet(PDF) 42 Page - Intel Corporation

Part # 915GL
Description  Express Chipset
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

915GL Datasheet(HTML) 42 Page - Intel Corporation

Back Button 915GL Datasheet HTML 38Page - Intel Corporation 915GL Datasheet HTML 39Page - Intel Corporation 915GL Datasheet HTML 40Page - Intel Corporation 915GL Datasheet HTML 41Page - Intel Corporation 915GL Datasheet HTML 42Page - Intel Corporation 915GL Datasheet HTML 43Page - Intel Corporation 915GL Datasheet HTML 44Page - Intel Corporation 915GL Datasheet HTML 45Page - Intel Corporation 915GL Datasheet HTML 46Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 426 page
background image
Signal Description
R
42
Datasheet
2.6
Analog Display Signals (Intel
®
82915G/82915GV/82915GL/82910GL GMCH Only)
Signal Name
Type
Description
RED
O
A
RED Analog Video Output: This signal is a CRT Analog video output
from the internal color palette DAC. The DAC is designed for a 37.5
Ω
routing impedance; however, the terminating resistor to ground will be
75
Ω (e.g., 75 Ω resistor on the board, in parallel with a 75 Ω CRT load).
RED#
O
A
REDB Analog Output: This signal is an analog video output from the
internal color palette DAC. It should be shorted to the ground plane.
GREEN
O
A
GREEN Analog Video Output: This signal is a CRT Analog video
output from the internal color palette DAC. The DAC is designed for a
37.5
Ω routing impedance; however, the terminating resistor to ground
will be 75
Ω (e.g., 75 Ω resistor on the board, in parallel with a 75 Ω CRT
load).
GREEN#
O
A
GREENB Analog Output: This signal is an analog video output from the
internal color palette DAC. It should be shorted to the ground plane.
BLUE
O
A
BLUE Analog Video Output: This signal is a CRT Analog video output
from the internal color palette DAC. The DAC is designed for a 37.5
Ω
routing impedance; however, the terminating resistor to ground will be
75
Ω (e.g., 75 Ω resistor on the board, in parallel with a 75 Ω CRT load).
BLUE#
O
A
BLUEB Analog Output: This signal is an analog video output from the
internal color palette DAC. It should be shorted to the ground plane.
REFSET
O
A
Resistor Set: Set point resistor for the internal color palette DAC.
A 255
Ω 1% resistor is required between REFSET and motherboard
ground.
HSYNC
O
2.5 V
CMOS
CRT Horizontal Synchronization: This signal is used as the horizontal
sync (polarity is programmable) or “sync interval”. 2.5 V output
VSYNC
O
2.5 V
CMOS
CRT Vertical Synchronization: This signal is used as the vertical sync
(polarity is programmable). 2.5 V output.
DDC_CLK
I/O
2.5 V
CMOS
Monitor Control Clock. This signal may be used as the DDC_CLK for a
secondary multiplexed digital display connector.
DDC_DATA
I/O
2.5 V
CMOS
Monitor Control Data. This signal may be used as the DDC_Data for a
secondary multiplexed digital display connector.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com