Electronic Components Datasheet Search
  English  ▼

X  

915GL Datasheet(PDF) 80 Page - Intel Corporation

Part # 915GL
Description  Express Chipset
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

915GL Datasheet(HTML) 80 Page - Intel Corporation

Back Button 915GL Datasheet HTML 76Page - Intel Corporation 915GL Datasheet HTML 77Page - Intel Corporation 915GL Datasheet HTML 78Page - Intel Corporation 915GL Datasheet HTML 79Page - Intel Corporation 915GL Datasheet HTML 80Page - Intel Corporation 915GL Datasheet HTML 81Page - Intel Corporation 915GL Datasheet HTML 82Page - Intel Corporation 915GL Datasheet HTML 83Page - Intel Corporation 915GL Datasheet HTML 84Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 426 page
background image
Host Bridge/DRAM Controller Registers (D0:F0)
R
80
Datasheet
Bit
Access &
Default
Description
4
R/W
1b
82915G/82915GV/82915GL/82910GL GMCH:
Internal Graphics Engine Function 1 (D2F1EN):
0 = Bus 0 Device 2 Function 1 is disabled and hidden
1 = Bus 0 Device 2 Function 1 is enabled and visible
Note: Setting this bit to enabled when bit 3 is 0 has no meaning.
82915P/82915PL MCH:
Reserved.
3
R/W
1b
82915G/82915GV/82915GL/82910GL GMCH:
Internal Graphics Engine Function 0 (D2F0EN):
0 = Bus 0 Device 2 Function 0 is disabled and hidden
1 = Bus 0 Device 2 Function 0 is enabled and visible
82915P/82915PL MCH:
Reserved.
2
Reserved
1
R/W
1b
Strap
dependent
82915G/82915P/82915PL (G)MCH:
PCI Express* Port (D1EN):
0 = Bus 0 Device 1 Function 0 is disabled and hidden. This also gates PCI
Express internal clock (lgclk) and asserts PCI Express internal reset (lgrstb).
1 = Bus 0 Device 1 Function 0 is enabled and visible.
The SDVO Presence hardware strap determines default value. Device 1 is
disabled on Reset when the SDVO Presence strap (SDVO_CTLRDATA signal) is
sampled high, and is enabled otherwise.
82915GV/82915GL/82910GL GMCH:
Reserved.
0
RO
1b
Host Bridge: Bus 0 Device 0 Function 0 can not be disabled and is therefore
hardwired to 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com