Electronic Components Datasheet Search
  English  ▼

X  

915GL Datasheet(PDF) 92 Page - Intel Corporation

Part # 915GL
Description  Express Chipset
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

915GL Datasheet(HTML) 92 Page - Intel Corporation

Back Button 915GL Datasheet HTML 88Page - Intel Corporation 915GL Datasheet HTML 89Page - Intel Corporation 915GL Datasheet HTML 90Page - Intel Corporation 915GL Datasheet HTML 91Page - Intel Corporation 915GL Datasheet HTML 92Page - Intel Corporation 915GL Datasheet HTML 93Page - Intel Corporation 915GL Datasheet HTML 94Page - Intel Corporation 915GL Datasheet HTML 95Page - Intel Corporation 915GL Datasheet HTML 96Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 426 page
background image
Host Bridge/DRAM Controller Registers (D0:F0)
R
92
Datasheet
4.1.29
ERRSTS—Error Status (D0:F0)
PCI Device:
0
Address Offset:
C8h
Default Value:
0000h
Access:
R/WC/S, RO
Size:
16 bits
This register is used to report various error conditions via the SERR DMI messaging mechanism.
A SERR DMI message is generated on a zero to one transition of any of these flags (if enabled by
the ERRCMD and PCICMD registers). These bits are set regardless of whether or not the SERR
is enabled and generated. After the error processing is complete, the error logging mechanism can
be unlocked by clearing the appropriate status bit by software writing a 1 to it.
0Bit
Access &
Default
Description
15:13
Reserved
12
R/WC/S
0b
(G)MCH Software Generated Event for SMI:
1 = This bit indicates the source of the SMI was a Device 2 Software Event.
11
R/WC/S
0b
(G)MCH Thermal Sensor Event for SMI/SCI/SERR: This bit indicates that a
(G)MCH Thermal Sensor trip has occurred and an SMI, SCI, or SERR has been
generated. The status bit is set only if a message is sent based on Thermal
event enables in Error command, SMI command, and SCI command registers. A
trip point can generate one of SMI, SCI, or SERR interrupts (two or more per
event is illegal). Multiple trip points can generate the same interrupt, if software
chooses this mode, subsequent trips may be lost. If this bit is already set, an
interrupt message will not be sent on a new thermal sensor event.
10
Reserved
9
R/WC/S
0b
LOCK to non-DRAM Memory Flag (LCKF):
1 = (G)MCH detected a lock operation to memory space that did not map into
DRAM.
8
R/WC/S
0b
Received Refresh Timeout Flag(RRTOF):
1 = 1024 memory core refreshes are enqueued.
7:0
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com