Electronic Components Datasheet Search
  English  ▼

X  

915GL Datasheet(PDF) 66 Page - Intel Corporation

Part # 915GL
Description  Express Chipset
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

915GL Datasheet(HTML) 66 Page - Intel Corporation

Back Button 915GL Datasheet HTML 62Page - Intel Corporation 915GL Datasheet HTML 63Page - Intel Corporation 915GL Datasheet HTML 64Page - Intel Corporation 915GL Datasheet HTML 65Page - Intel Corporation 915GL Datasheet HTML 66Page - Intel Corporation 915GL Datasheet HTML 67Page - Intel Corporation 915GL Datasheet HTML 68Page - Intel Corporation 915GL Datasheet HTML 69Page - Intel Corporation 915GL Datasheet HTML 70Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 426 page
background image
Host Bridge/DRAM Controller Registers (D0:F0)
R
66
Datasheet
Address
Offset
Register
Symbol
Register Name
Default
Value
Access
52–53h
GGC
GMCH Graphics Control Register (82915G
GMCH only)
0030h
R/W/L
54–57h
DEVEN
Device Enable
00000019h
R/W
58–8Fh
—
Reserved
—
—
90h
PAM0
Programmable Attribute Map 0
00h
R/W
91h
PAM1
Programmable Attribute Map 1
00h
R/W
92h
PAM2
Programmable Attribute Map 2
00h
R/W
93h
PAM3
Programmable Attribute Map 3
00h
R/W
94h
PAM4
Programmable Attribute Map 4
00h
R/W
95h
PAM5
Programmable Attribute Map 5
00h
R/W
96h
PAM6
Programmable Attribute Map 6
00h
R/W
97h
LAC
Legacy Access Control
00h
R/W
98–9Bh
—
Reserved
—
—
9Ch
TOLUD
Top of Low Usable DRAM
08h
R/W
9Dh
SMRAM
System Management RAM Control
00h
RO,
R/W/L
9Eh
ESMRAMC
Extended System Management RAM Control
00h
RO,
R/W/L
9F–C7h
—
Reserved
—
—
C8–C9h
ERRSTS
Error Status
0000h
RO,
R/W/L
CA–CBh
ERRCMD
Error Command
0000h
R/W
CC–DBh
—
Reserved
—
—
DC–DFh
SKPD
Scratchpad Data
00000000h
R/W
E0–E8h
CAPID0
Capability Identifier
0000000000
01090009h
RO
E9–FFh
—
Reserved
—
—
100h
C0DRB0
Channel A DRAM Rank Boundary Address 0
00h
R/W
101h
C0DRB1
Channel A DRAM Rank Boundary Address 1
00h
R/W
102h
C0DRB2
Channel A DRAM Rank Boundary Address 2
00h
R/W
103h
C0DRB3
Channel A DRAM Rank Boundary Address 3
00h
R/W
104–107h
—
Reserved
—
—
108h
C0DRA0
Channel A DRAM Rank 0,1 Attribute
00h
R/W
109h
C0DRA2
Channel A DRAM Rank 2,3 Attribute
00h
R/W
10A–10Bh
—
Reserved
—
—
10Ch
C0DCLKDIS
Channel A DRAM Clock Disable
00h
R/W
10Dh
—
Reserved
—
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com