Electronic Components Datasheet Search
  English  ▼

X  

915GL Datasheet(PDF) 26 Page - Intel Corporation

Part # 915GL
Description  Express Chipset
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

915GL Datasheet(HTML) 26 Page - Intel Corporation

Back Button 915GL Datasheet HTML 22Page - Intel Corporation 915GL Datasheet HTML 23Page - Intel Corporation 915GL Datasheet HTML 24Page - Intel Corporation 915GL Datasheet HTML 25Page - Intel Corporation 915GL Datasheet HTML 26Page - Intel Corporation 915GL Datasheet HTML 27Page - Intel Corporation 915GL Datasheet HTML 28Page - Intel Corporation 915GL Datasheet HTML 29Page - Intel Corporation 915GL Datasheet HTML 30Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 426 page
background image
Introduction
R
26
Datasheet
1.2
Reference Documents
Document Title
Document
Number/Location
Intel
® 915G/915GV/910GL Express Chipset Thermal Design Guide
http://intel.com/design/chip
sets/designex/301469.htm
Intel
® I/O Controller Hub 6 (ICH6) Family Datasheet
http://developer.intel.com/d
esign/chipsets/datashts/30
1473.htm
Advanced Configuration and Power Interface Specification, Version 2.0
http://www.acpi.info/
Advanced Configuration and Power Interface Specification, Version 1.0b
http://www.acpi.info/
The PCI Local Bus Specification, Version 2.3
http://www.pcisig.com/spe
cifications
PCI Express* Specification, Version 1.0a
http://www.pcisig.com/spe
cifications
1.3
GMCH (MCH) Overview
The (G)MCH connects to the processor as shown in Figure 1-1, Figure 1-2, Figure 1-3, Figure
1-4, Figure 1-5, and Figure 1-6. A major role of the (G)MCH in a system is to manage the flow of
information between its interfaces: the processor interface (FSB), the System Memory interface
(DRAM controller), the Integrated Graphics interface (82915G/82915GV/82915GL/82910GL
GMCH only), the External Graphics interface via PCI Express (82915G/82915P/82915PL MCH
only), and the I/O Controller Hub through the DMI interface. This includes arbitrating between
the interfaces when each initiates transactions.
The (G)MCH supports one or two channels of DDR
(82915G/82915GV/82915GL/82915P/82915PL/82910GL) or DDR2 (82915G/82915GV/82915P)
SDRAM. The (G)MCH also supports the new PCI Express based external graphics attach. Thus,
the 915G/915GV/915GL/910GL/915P and 915PL Express chipsets are NOT compatible with
AGP (1X, 2X, 4X, or 8X).
To increase system performance, the (G)MCH incorporates several queues and a write cache. The
(G)MCH also contains advanced desktop power management logic.
1.3.1
Host Interface
The (G)MCH is optimized for both the Pentium 4 processors in the LGA775 socket and the
Celeron D processor in the FC-mPGA4 socket. The (G)MCH can use a single LGA 775 socket
processor. The (G)MCH supports FSB frequency of 533/800 MT/s (133/200 MHz HCLK) using
a scalable FSB Vcc_CPU (82910GL only supports 533 MT/s, 133 MHz HCLK). The (G)MCH
supports the Pentium 4 processor subset of the Extended Mode Scaleable Bus Protocol. The
primary enhancements over the Compatible Mode P6 bus protocol are: Source synchronous
double-pumped (2) Address and Source synchronous quad-pumped (4x) Data.
The (G)MCH supports 32-bit host addressing, decoding up to 4 GB of the processor’s memory
address space. Host-initiated I/O cycles are decoded to PCI Express, DMI, or the (G)MCH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com