Electronic Components Datasheet Search
  English  ▼

X  

915GL Datasheet(PDF) 24 Page - Intel Corporation

Part # 915GL
Description  Express Chipset
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

915GL Datasheet(HTML) 24 Page - Intel Corporation

Back Button 915GL Datasheet HTML 20Page - Intel Corporation 915GL Datasheet HTML 21Page - Intel Corporation 915GL Datasheet HTML 22Page - Intel Corporation 915GL Datasheet HTML 23Page - Intel Corporation 915GL Datasheet HTML 24Page - Intel Corporation 915GL Datasheet HTML 25Page - Intel Corporation 915GL Datasheet HTML 26Page - Intel Corporation 915GL Datasheet HTML 27Page - Intel Corporation 915GL Datasheet HTML 28Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 426 page
background image
Introduction
R
24
Datasheet
1.1
Terminology
Term
Description
ADD2 Card
Advanced Digital Display Card – 2
nd Generation. Provides digital display options for an
Intel graphics controller that supports ADD2 cards. This card plugs into a x16 PCI
Express connector but uses the multiplexed SDVO interface. Will not work with an Intel
graphics controller that supports DVO and ADD cards.
Core
Core refers to the internal base logic in the (G)MCH.
CRT
Cathode Ray Tube.
DBI
Dynamic Bus Inversion.
DDR
Double Data Rate SDRAM memory technology.
DDR2
A second generation Double Data Rate SDRAM memory technology.
DMI
The Direct Media Interface is the connection between the (G)MCH and the Intel
® ICH6.
DVI
Digital Video Interface. This is the specification that defines the connector and interface
for digital displays.
FSB
Front Side Bus. The FSB is synonymous with Host or processor bus
Full Reset
Full reset is when PWROK is de-asserted. Warm reset is when both RSTIN# and
PWROK are asserted.
GMCH
Graphics Memory Controller Hub component that contains the processor interface,
DRAM controller, and integrated graphics device. It may also contain an x16 PCI
Express port (typically the external graphics interface). It communicates with the I/O
controller hub (ICH6*) over the DMI interconnect. Throughout this document GMCH
refers to the Intel
® 82915G GMCH, 82915GV GMCH, 82915GL, and 82910GL, unless
otherwise specified. Note that term (G)MCH is used when referring to both GMCH and
MCH components.
HDMI
High Definition Multimedia Interface. HDMI supports standard, enhanced, or high-
definition video, plus multi-channel digital audio on a single cable. It transmits all ATSC
HDTV standards and supports 8-channel digital audio, with bandwidth to spare for
future requirements and enhancements (additional details are available through
www.HDMI.org)
Host
This term is used synonymously with processor.
INTx
An interrupt request signal where X stands for interrupts A,B,C, and D.
Intel
® ICH6
Sixth generation I/O Controller Hub component that contains additional functionality
compared to previous ICH6s. The Intel
® I/O Controller Hub component contains the
primary PCI interface, LPC interface, USB2, ATA-100, and other I/O functions. It
communicates with the GMCH over a proprietary interconnect called DMI.
IGD
Internal Graphics Device.
LCD
Liquid Crystal Display.
LVDS
Low Voltage Differential Signaling. A high speed, low power data transmission standard
used for display connections to LCD panels.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com