Electronic Components Datasheet Search
  English  ▼

X  

915GL Datasheet(PDF) 61 Page - Intel Corporation

Part # 915GL
Description  Express Chipset
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

915GL Datasheet(HTML) 61 Page - Intel Corporation

Back Button 915GL Datasheet HTML 57Page - Intel Corporation 915GL Datasheet HTML 58Page - Intel Corporation 915GL Datasheet HTML 59Page - Intel Corporation 915GL Datasheet HTML 60Page - Intel Corporation 915GL Datasheet HTML 61Page - Intel Corporation 915GL Datasheet HTML 62Page - Intel Corporation 915GL Datasheet HTML 63Page - Intel Corporation 915GL Datasheet HTML 64Page - Intel Corporation 915GL Datasheet HTML 65Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 426 page
background image
Register Description
R
Datasheet
61
To access this space (steps 1, 2, 3 are performed only once by BIOS)
1.
Use the PCI compatible configuration mechanism to enable the PCI Express enhanced
configuration mechanism by writing 1 to bit 31 of the DEVEN register.
2.
Use the PCI compatible configuration mechanism to write an appropriate PCI Express base
address into the PCIEXBAR register.
3.
Calculate the host address of the register you wish to set using (PCI Express base + (bus
number * 1 MB) + (device number * 32 KB) + (function number * 4 KB) + (1 B * offset
within the function) = host address).
4.
Use a memory write or memory read cycle to the calculated host address to write to or read
from that register.
Base
31
28
20 19
15 14
11
8
2
70
1
Config_Write
X
Bus
Device
Function Extended
Register
Number
27
12
X
PCI Express Configuration Writes
Internally the host interface unit translates writes to PCI Express extended configuration space to
configurations on the backbone. Writes to extended space are posted on the FSB, but non-posted
on the PCI Express* x16 Graphics Interface or DMI pins (i.e., translated to configuration writes).
See the PCI Express Specification for more information on both the PCI 2.3 compatible and PCI
Express enhanced configuration mechanism and transaction rules.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com