Electronic Components Datasheet Search
  English  ▼

X  

915GL Datasheet(PDF) 88 Page - Intel Corporation

Part # 915GL
Description  Express Chipset
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

915GL Datasheet(HTML) 88 Page - Intel Corporation

Back Button 915GL Datasheet HTML 84Page - Intel Corporation 915GL Datasheet HTML 85Page - Intel Corporation 915GL Datasheet HTML 86Page - Intel Corporation 915GL Datasheet HTML 87Page - Intel Corporation 915GL Datasheet HTML 88Page - Intel Corporation 915GL Datasheet HTML 89Page - Intel Corporation 915GL Datasheet HTML 90Page - Intel Corporation 915GL Datasheet HTML 91Page - Intel Corporation 915GL Datasheet HTML 92Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 426 page
background image
Host Bridge/DRAM Controller Registers (D0:F0)
R
88
Datasheet
4.1.25
LAC—Legacy Access Control (D0:F0)
PCI Device:
0
Address Offset:
97h
Default Value:
00h
Access:
R/W
Size:
8 bits
This 8-bit register controls a fixed DRAM hole from 15–16 MB.
Bit
Access &
Default
Description
7
R/W
0b
Hole Enable (HEN): This field enables a memory hole in DRAM space. The DRAM
that lies "behind" this space is not remapped.
0 = No memory hole.
1 = Memory hole from 15 MB to 16 MB.
6:1
Reserved
0
R/W
0b
MDA Present (MDAP): This bit works with the VGA Enable bits in the BCTRL
register of Device 1 to control the routing of processor initiated transactions targeting
MDA compatible I/O and memory address ranges. This bit should not be set if
device 1's VGA Enable bit is not set.
If device 1's VGA enable bit is not set, then accesses to I/O address range x3BCh–
x3BFh are forwarded to the DMI.
If the VGA enable bit is set and MDA is not present, then accesses to I/O address
range x3BCh–x3BFh are forwarded to PCI Express* if the address is within the
corresponding IOBASE and IOLIMIT, otherwise they are forwarded to the DMI.
MDA resources are defined as the following:
Memory:
0B0000h – 0B7FFFh
I/O:
3B4h, 3B5h, 3B8h, 3B9h, 3BAh, 3BFh,
(Including ISA address aliases, A [15:10] are not used in decode)
Any I/O reference that includes the I/O locations listed above, or their aliases, will be
forwarded to the DMI even if the reference includes I/O locations not listed above.
The following table shows the behavior for all combinations of MDA and VGA:
VGAEN
MDAP
Description
0
0
All References to MDA and VGA space are routed to
the DMI
0
1
Illegal combination
1
0
All VGA and MDA references are routed to PCI
Express Graphics Attach.
1
1
All VGA references are routed to PCI Express
Graphics Attach. MDA references are routed to the
DMI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com