Electronic Components Datasheet Search
  English  ▼

X  

915GL Datasheet(PDF) 25 Page - Intel Corporation

Part # 915GL
Description  Express Chipset
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

915GL Datasheet(HTML) 25 Page - Intel Corporation

Back Button 915GL Datasheet HTML 21Page - Intel Corporation 915GL Datasheet HTML 22Page - Intel Corporation 915GL Datasheet HTML 23Page - Intel Corporation 915GL Datasheet HTML 24Page - Intel Corporation 915GL Datasheet HTML 25Page - Intel Corporation 915GL Datasheet HTML 26Page - Intel Corporation 915GL Datasheet HTML 27Page - Intel Corporation 915GL Datasheet HTML 28Page - Intel Corporation 915GL Datasheet HTML 29Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 426 page
background image
Introduction
R
Datasheet
25
Term
Description
MCH
The Memory Controller Hub (MCH) component contains the processor interface and
DRAM controller; however, it does not contain an internal graphics device like the
GMCH. It may also contain an x16 PCI Express port (typically the external graphics
interface). It communicates with the I/O controller hub (ICH6*) and other I/O controller
hubs over the DMI interconnect. Throughout this document the term MCH refers to the
82915P and 82915PL MCH. Note: (G)MCH is used when referring to both GMCH and
MCH components.
MSI
Message Signaled Interrupt. A transaction initiated outside the host, conveying interrupt
information to the receiving agent through the same path that normally carries read and
write commands.
PCI Express*
Third Generation Input Output (PCI Express) Graphics Attach called PCI Express
Graphics. A high-speed serial interface whose configuration is software compatible with
the existing PCI specifications. The specific PCI Express implementation intended for
connecting the GMCH to an external graphics controller is a x16 link and replaces AGP.
Primary PCI
The physical PCI bus that is driven directly by the ICH6 component. Communication
between Primary PCI and the GMCH occurs over DMI. Note that the Primary PCI bus is
not PCI Bus 0 from a configuration standpoint.
SCI
System Control Interrupt. SCI is used in ACPI protocol.
SDVO
Serial Digital Video Out (SDVO). Digital display channel that serially transmits digital
display data to an external SDVO device. The SDVO device accepts this serialized
format and then translates the data into the appropriate display format (i.e., TMDS,
LVDS, TV-Out). This interface is not electrically compatible with the previous digital
display channel - DVO. For the Intel
® 82915G GMCH, The SDVO interface is
multiplexed on a portion of the x16 graphics PCI Express interface.
SDVO Device
Third party codec that uses SDVO as an input. An SDVO device may have a variety of
output formats including: DVI, LVDS, HDMI, TV-Out, etc.
SERR
An indication that an unrecoverable error has occurred on an I/O bus.
SMI
System Management Interrupt. SMI is used to indicate any of several system conditions
(such as thermal sensor events, throttling activated, access to System Management
RAM, chassis open, or other system state related activity).
Rank
A unit of DRAM corresponding to eight x8 SDRAM devices in parallel or four x16
SDRAM devices in parallel, ignoring ECC. These devices are usually, but not always,
mounted on a single side of a DIMM.
TMDS
Transition Minimized Differential Signaling. Signaling interface from Silicon Image that
is used in DVI and HDMI.
TOLM
Top Of Low Memory. The highest address below 4 GB for which a processor-initiated
memory read or write transaction will create a corresponding cycle to DRAM on the
memory interface.
VCO
Voltage Controlled Oscillator.
UMA
Unified Memory Architecture. UMA describes an IGD using system memory for its
frame buffers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com