Electronic Components Datasheet Search
  English  ▼

X  

915GL Datasheet(PDF) 33 Page - Intel Corporation

Part # 915GL
Description  Express Chipset
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

915GL Datasheet(HTML) 33 Page - Intel Corporation

Back Button 915GL Datasheet HTML 29Page - Intel Corporation 915GL Datasheet HTML 30Page - Intel Corporation 915GL Datasheet HTML 31Page - Intel Corporation 915GL Datasheet HTML 32Page - Intel Corporation 915GL Datasheet HTML 33Page - Intel Corporation 915GL Datasheet HTML 34Page - Intel Corporation 915GL Datasheet HTML 35Page - Intel Corporation 915GL Datasheet HTML 36Page - Intel Corporation 915GL Datasheet HTML 37Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 426 page
background image
Signal Description
R
Datasheet
33
2
Signal Description
This chapter provides a detailed description of (G)MCH signals. The signals are arranged in
functional groups according to their associated interface. The states of all of the signals during
reset are provided in Section 2.11.
The following notations are used to describe the signal type:
GTL+
Open Drain GTL+ interface signal. Refer to the GTL+ I/O Specification for
complete details. The (G)MCH integrates GTL+ termination resistors, and
supports VTT of from 0.83 V to 1.65 V (including guardbanding).
PCIE
PCI-Express interface signals. These signals are compatible with PCI Express
1.0 Signaling Environment AC Specifications and are AC coupled. The buffers
are not 3.3 V tolerant. Differential voltage specification = (|D+ - D-|) * 2
= 1.2 V maximum. Single-ended maximum = 1.5 V.
Single-ended minimum = 0 V.
DMI
Direct Media Interface signals. These signals are compatible with PCI Express
1.0 Signaling Environment AC Specifications, but are DC coupled. The buffers
are not 3.3 V tolerant. Differential voltage specification
= (|D+ - D-|) * 2 = 1.2 V maximum. Single-ended maximum = 1.5 V.
Single-ended minimum = 0 V.
CMOS
CMOS buffers. 1.5 V tolerant.
COD
CMOS Open Drain buffers. 2.5 V tolerant.
HVCMOS
High Voltage CMOS buffers. 2.5 V tolerant.
HVIN
High Voltage CMOS input-only buffers. 3.3 V tolerant.
SSTL-2
Stub Series Termination Logic. These are 2.6 V output capable buffers. 2.6 V
tolerant.
SSTL-1.8
Stub Series Termination Logic. These are 1.8 V output capable buffers. 1.8 V
tolerant.
A
Analog reference or output. May be used as a threshold voltage or for buffer
compensation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com