Electronic Components Datasheet Search
  English  ▼

X  

915GL Datasheet(PDF) 60 Page - Intel Corporation

Part # 915GL
Description  Express Chipset
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

915GL Datasheet(HTML) 60 Page - Intel Corporation

Back Button 915GL Datasheet HTML 56Page - Intel Corporation 915GL Datasheet HTML 57Page - Intel Corporation 915GL Datasheet HTML 58Page - Intel Corporation 915GL Datasheet HTML 59Page - Intel Corporation 915GL Datasheet HTML 60Page - Intel Corporation 915GL Datasheet HTML 61Page - Intel Corporation 915GL Datasheet HTML 62Page - Intel Corporation 915GL Datasheet HTML 63Page - Intel Corporation 915GL Datasheet HTML 64Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 426 page
background image
Register Description
R
60
Datasheet
3.3.4
PCI Express* Enhanced Configuration Mechanism
PCI Express extends the configuration space to 4096 bytes per device/function as compared to
256 bytes allowed by PCI Specification, Revision 2.3. PCI Express configuration space is divided
into a PCI 2.3 compatible region that consists of the first 256B of a logical device’s configuration
space and a PCI Express extended region that consists of the remaining configuration space.
The PCI compatible region can be accessed using either the mechanism defined in the previous
section or using the enhanced PCI Express configuration access mechanism described in this
section. The extended configuration registers may only be accessed using the enhanced PCI
Express configuration access mechanism. To maintain compatibility with PCI configuration
addressing mechanisms, system software must access the extended configuration space using
32-bit operations (32-bit aligned) only. These 32-bit operations include byte enables allowing
only appropriate bytes within the DWord to be accessed. Locked transactions to the PCI Express
memory mapped configuration address space are not supported. All changes made using either
access mechanism are equivalent. The enhanced PCI Express configuration access mechanism
uses a flat memory-mapped address space to access device configuration registers. This address
space is reported by the system firmware to the operating system. The PCIEXBAR register
defines the base address for the 256-MB block of addresses below top of addressable memory
(currently 4 GB) for the configuration space associated with all devices and functions that are
potentially a part of the PCI Express root complex hierarchy. The PCI Express Configuration
Transaction Header includes an additional 4 bits (Extended Register Address[3:0]) between the
Function Number and Register Address fields to provide indexing into the 4 KB of configuration
space allocated to each potential device. For PCI Compatible Configuration Requests, the
Extended Register Address field must be all zeros.
Figure 3-5. Memory Map to PCI Express* Device Configuration Space
MemMap_PCIExpress
Bus 255
0xFFFFFFFh
Bus 1
Bus 0
0x1FFFFFh
0xFFFFFh
0h
Device 31
0xFFFFFh
Device 1
Device 0
0xFFFFh
0x7FFFh
Function 7
0xFFFFFh
Function 1
Function 0
0xFFFFh
0x7FFFh
0xFFFh
PCI
Compatible
Config Space
PCI
Compatible
Config Header
0xFFh
0x3Fh
PCI Express
Extended
Configuration
Space
Located By PCI
Express Base
Address
Just the same as with PCI devices, each device is selected based on decoded address information
that is provided as a part of the address portion of Configuration Request packets. A PCI Express
device will decode all address information fields (bus, device, function, and extended address
numbers) to provide access to the correct register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com