Electronic Components Datasheet Search
  English  ▼

X  

915GL Datasheet(PDF) 90 Page - Intel Corporation

Part # 915GL
Description  Express Chipset
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

915GL Datasheet(HTML) 90 Page - Intel Corporation

Back Button 915GL Datasheet HTML 86Page - Intel Corporation 915GL Datasheet HTML 87Page - Intel Corporation 915GL Datasheet HTML 88Page - Intel Corporation 915GL Datasheet HTML 89Page - Intel Corporation 915GL Datasheet HTML 90Page - Intel Corporation 915GL Datasheet HTML 91Page - Intel Corporation 915GL Datasheet HTML 92Page - Intel Corporation 915GL Datasheet HTML 93Page - Intel Corporation 915GL Datasheet HTML 94Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 426 page
background image
Host Bridge/DRAM Controller Registers (D0:F0)
R
90
Datasheet
4.1.27
SMRAM—System Management RAM Control (D0:F0)
PCI Device:
0
Address Offset:
9Dh
Default Value:
00h
Access:
R/W/L, RO
Size:
8 bits
The SMRAMC register controls how accesses to Compatible and Extended SMRAM spaces are
treated. The Open, Close, and Lock bits function only when G_SMRAME bit is set to a 1. Also,
the OPEN bit must be reset before the LOCK bit is set.
Bit
Access &
Default
Description
7
Reserved
6
R/W/L
0b
SMM Space Open (D_OPEN): When D_OPEN=1 and D_LCK=0, the SMM
space DRAM is made visible even when SMM decode is not active. This is
intended to help BIOS initialize SMM space. Software should ensure that
D_OPEN=1 and D_CLS=1 are not set at the same time.
5
R/W/L
0b
SMM Space Closed (D_CLS): When D_CLS = 1 SMM space DRAM is not
accessible to data references, even if SMM decode is active. Code references
may still access SMM space DRAM. This will allow SMM software to reference
through SMM space to update the display even when SMM is mapped over the
VGA range. Software should ensure that D_OPEN=1 and D_CLS=1 are not set
at the same time. Note that the D_CLS bit only applies to Compatible SMM
space.
4
R/W/L
0b
SMM Space Locked (D_LCK): When D_LCK is set to 1, D_OPEN is reset to 0
and D_LCK, D_OPEN, C_BASE_SEG, H_SMRAM_EN, TSEG_SZ and
TSEG_EN become read only. D_LCK can be set to 1 via a normal configuration
space write but can only be cleared by a full Reset. The combination of D_LCK
and D_OPEN provide convenience with security. The BIOS can use the
D_OPEN function to initialize SMM space and then use D_LCK to "lock down"
SMM space in the future so that no application software (or BIOS itself) can
violate the integrity of SMM space, even if the program has knowledge of the
D_OPEN function.
3
R/W/L
0b
Global SMRAM Enable (G_SMRAME): If set to a 1, Compatible SMRAM
functions are enabled, providing 128 KB of DRAM accessible at the A0000h
address while in SMM (ADSB with SMM decode). To enable Extended SMRAM
function this bit has be set to 1. Refer to the section on SMM for more details.
Once D_LCK is set, this bit becomes read only.
2:0
RO
010b
Compatible SMM Space Base Segment (C_BASE_SEG): This field indicates
the location of SMM space. SMM DRAM is not remapped. It is simply made
visible if the conditions are right to access SMM space, otherwise the access is
forwarded to DMI. Since the (G)MCH supports only the SMM space between
A0000h and BFFFFh, this field is hardwired to 010.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com