Electronic Components Datasheet Search
  English  ▼

X  

915GL Datasheet(PDF) 68 Page - Intel Corporation

Part # 915GL
Description  Express Chipset
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

915GL Datasheet(HTML) 68 Page - Intel Corporation

Back Button 915GL Datasheet HTML 64Page - Intel Corporation 915GL Datasheet HTML 65Page - Intel Corporation 915GL Datasheet HTML 66Page - Intel Corporation 915GL Datasheet HTML 67Page - Intel Corporation 915GL Datasheet HTML 68Page - Intel Corporation 915GL Datasheet HTML 69Page - Intel Corporation 915GL Datasheet HTML 70Page - Intel Corporation 915GL Datasheet HTML 71Page - Intel Corporation 915GL Datasheet HTML 72Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 426 page
background image
Host Bridge/DRAM Controller Registers (D0:F0)
R
68
Datasheet
4.1
Host Bridge/DRAM Controller PCI Register Details
(D0:F0)
4.1.1
VID—Vendor Identification (D0:F0)
PCI Device:
0
Address Offset:
00h
Default Value:
8086h
Access:
RO
Size:
16 bits
This register combined with the Device Identification register uniquely identifies any PCI device.
Bit
Access &
Default
Description
15:0
RO
8086h
Vendor Identification Number (VID): PCI standard identification for Intel.
4.1.2
DID—Device Identification (D0:F0)
PCI Device:
0
Address Offset:
02h
Default Value:
2580h
Access:
RO
Size:
16 bits
This register combined with the Vendor Identification register uniquely identifies any PCI device.
Bit
Access &
Default
Description
15:0
RO
2580h
Device Identification Number (DID): This field is an identifier assigned to
the (G)MCH core/primary PCI device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com