Electronic Components Datasheet Search
  English  ▼

X  

915GL Datasheet(PDF) 79 Page - Intel Corporation

Part # 915GL
Description  Express Chipset
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

915GL Datasheet(HTML) 79 Page - Intel Corporation

Back Button 915GL Datasheet HTML 75Page - Intel Corporation 915GL Datasheet HTML 76Page - Intel Corporation 915GL Datasheet HTML 77Page - Intel Corporation 915GL Datasheet HTML 78Page - Intel Corporation 915GL Datasheet HTML 79Page - Intel Corporation 915GL Datasheet HTML 80Page - Intel Corporation 915GL Datasheet HTML 81Page - Intel Corporation 915GL Datasheet HTML 82Page - Intel Corporation 915GL Datasheet HTML 83Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 426 page
background image
Host Bridge/DRAM Controller Registers (D0:F0)
R
Datasheet
79
4.1.17
DEVEN—Device Enable (D0:F0)
PCI Device:
0
Address Offset:
54h
Default Value:
00000019h
Access:
R/W
Size:
32 bits
This register allows for enabling/disabling of PCI devices and functions that are within the
(G)MCH.
Bit
Access &
Default
Description
31
R/W
0b
82915G/82915P/82915PL (G)MCH:
PCIEXBAR Enable (PCIEXBAREN):
0 = The PCIEXBAR register is disabled. Memory read and write transactions
proceed as if there were no PCIEXBAR register. PCIEXBAR bits 31:28 are
R/W with no functionality behind them.
1 = The PCIEXBAR register is enabled. Memory read and write transactions
whose address bits 31:28 match PCIEXBAR 31:28 will be translated to
configuration reads and writes within the (G)MCH. These translated cycles
are routed as shown in the table above.
82915GV/82915GL/82910GL GMCH:
Reserved.
30
Reserved
29
R/W
0b
DMIBAR Enable (DMIBAREN):
0 = DMIBAR is disabled and does not claim any memory.
1 = DMIBAR memory mapped accesses are claimed and decoded appropriately.
28
R/W
0b
MCHBAR Enable (MCHBAREN):
0 = MCHBAR is disabled and does not claim any memory.
1 = MCHBAR memory mapped accesses are claimed and decoded
appropriately.
27
R/W
0b
EPBAR Enable (EPBAREN):
0 = EPBAR is disabled and does not claim any memory.
1 = EPBAR memory mapped accesses are claimed and decoded appropriately.
26:5
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com