Electronic Components Datasheet Search
  English  ▼

X  

915GL Datasheet(PDF) 77 Page - Intel Corporation

Part # 915GL
Description  Express Chipset
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

915GL Datasheet(HTML) 77 Page - Intel Corporation

Back Button 915GL Datasheet HTML 73Page - Intel Corporation 915GL Datasheet HTML 74Page - Intel Corporation 915GL Datasheet HTML 75Page - Intel Corporation 915GL Datasheet HTML 76Page - Intel Corporation 915GL Datasheet HTML 77Page - Intel Corporation 915GL Datasheet HTML 78Page - Intel Corporation 915GL Datasheet HTML 79Page - Intel Corporation 915GL Datasheet HTML 80Page - Intel Corporation 915GL Datasheet HTML 81Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 426 page
background image
Host Bridge/DRAM Controller Registers (D0:F0)
R
Datasheet
77
4.1.15
DMIBAR—Root Complex Register Range Base Address
(D0:F0)
PCI Device:
0
Address Offset:
4Ch
Default Value:
00000000h
Access:
R/W
Size:
32 bits
This is the base address for the Root Complex configuration space. This window of addresses
contains the Root Complex Register set for the PCI Express hierarchy associated with the
(G)MCH. There is no physical memory within this 4-KB window that can be addressed. The
4 KB that is reserved by this register does not alias to any PCI 2.3 compliant memory mapped
space.
On reset, this register is disabled and must be enabled by writing a 1 to the DMIBAREN [Dev 0,
offset 54h, bit 29].
|
Bit
Access &
Default
Description
31:12
R/W
0000 0h
DMI Base Address: This field corresponds to bits 31 to 12 of the base address
DMI configuration space.
BIOS will program this register resulting in a base address for a 4-KB block of
contiguous memory address space. This register ensures that a naturally
aligned 4-KB space is allocated within total addressable memory space of
4 GB.
System software uses this base address to program the DMI register set.
11:0
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com