Electronic Components Datasheet Search
  English  ▼

X  

915GL Datasheet(PDF) 95 Page - Intel Corporation

Part # 915GL
Description  Express Chipset
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

915GL Datasheet(HTML) 95 Page - Intel Corporation

Back Button 915GL Datasheet HTML 91Page - Intel Corporation 915GL Datasheet HTML 92Page - Intel Corporation 915GL Datasheet HTML 93Page - Intel Corporation 915GL Datasheet HTML 94Page - Intel Corporation 915GL Datasheet HTML 95Page - Intel Corporation 915GL Datasheet HTML 96Page - Intel Corporation 915GL Datasheet HTML 97Page - Intel Corporation 915GL Datasheet HTML 98Page - Intel Corporation 915GL Datasheet HTML 99Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 426 page
background image
MCHBAR Registers
R
Datasheet
95
5
MCHBAR Registers
These registers are offset from the MCHBAR base address.
Address
Offset
Register
Symbol
Register Name
Default
Value
Access
100h
C0DRB0
Channel A DRAM Rank Boundary Address 0
00h
R/W
101h
C0DRB1
Channel A DRAM Rank Boundary Address 1
00h
R/W
102h
C0DRB2
Channel A DRAM Rank Boundary Address 2
00h
R/W
103h
C0DRB3
Channel A DRAM Rank Boundary Address 3
00h
R/W
104–107h
—
Reserved
—
—
108h
C0DRA0
Channel A DRAM Rank 0,1 Attribute
00h
R/W
109h
C0DRA2
Channel A DRAM Rank 2,3 Attribute
00h
R/W
10A–10Bh
—
Reserved
—
—
10Ch
C0DCLKDIS
Channel A DRAM Clock Disable
00h
R/W
10Dh
—
Reserved
—
—
10E–10F
C0BNKARC
Channel A DRAM Bank Architecture
0000h
R/W
110–113h
—
Reserved
—
—
114–117h
C0DRT1
Channel A DRAM Timing Register
900122h
R/W
118–11Fh
—
Reserved
—
—
120–123h
C0DRC0
Channel A DRAM Controller Mode 0
00000000h
R/W, RO
124–17Fh
—
Reserved
—
—
180h
C1DRB0
Channel B DRAM Rank Boundary Address 0
00h
R/W
181h
C1DRB1
Channel B DRAM Rank Boundary Address 1
00h
R/W
182h
C1DRB2
Channel B DRAM Rank Boundary Address 2
00h
R/W
183h
C1DRB3
Channel B DRAM Rank Boundary Address 3
00h
R/W
184–187h
—
Reserved
—
—
188h
C1DRA0
Channel B DRAM Rank 0,1 Attribute
00h
R/W
189h
C1DRA2
Channel B DRAM Rank 2,3 Attribute
00h
R/W
18A–18Bh
—
Reserved
—
—
18Ch
C1DCLKDIS
Channel B DRAM Clock Disable
00h
R/W
18Dh
—
Reserved
—
—
18E–18Fh
C1BNKARC
Channel B Bank Architecture
0000h
R/W
190–193h
—
Reserved
—
—
194h
C1DRT1
Channel B DRAM Timing Register 1
900122h
R/W, RO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com