Electronic Components Datasheet Search
  English  ▼

X  

915GL Datasheet(PDF) 101 Page - Intel Corporation

Part # 915GL
Description  Express Chipset
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

915GL Datasheet(HTML) 101 Page - Intel Corporation

Back Button 915GL Datasheet HTML 97Page - Intel Corporation 915GL Datasheet HTML 98Page - Intel Corporation 915GL Datasheet HTML 99Page - Intel Corporation 915GL Datasheet HTML 100Page - Intel Corporation 915GL Datasheet HTML 101Page - Intel Corporation 915GL Datasheet HTML 102Page - Intel Corporation 915GL Datasheet HTML 103Page - Intel Corporation 915GL Datasheet HTML 104Page - Intel Corporation 915GL Datasheet HTML 105Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 426 page
background image
MCHBAR Registers
R
Datasheet
101
5.1.8
C0BNKARC—Channel A DRAM Bank Architecture
MMIO Range:
MCHBAR
Address Offset:
10Eh
Default Value:
0000h
Access:
R/W
Size:
16 bits
This register is used to program the bank architecture for each Rank.
Bit
Access &
Default
Description
15:8
Reserved
7:6
R/W
00b
Rank 3 Bank Architecture
00 = 4 Bank.
01 = 8 Bank.
1X = Reserved
5:4
R/W
00b
Rank 2 Bank Architecture
00 = 4 Bank.
01 = 8 Bank.
1X = Reserved
3:2
R/W
00b
Rank 1 Bank Architecture
00 = 4 Bank.
01 = 8 Bank.
1X = Reserved
1:0
R/W
00b
Rank 0 Bank Architecture
00 = 4 Bank.
01 = 8 Bank.
1X = Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com