Electronic Components Datasheet Search
  English  ▼

X  

915GL Datasheet(PDF) 105 Page - Intel Corporation

Part # 915GL
Description  Express Chipset
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

915GL Datasheet(HTML) 105 Page - Intel Corporation

Back Button 915GL Datasheet HTML 101Page - Intel Corporation 915GL Datasheet HTML 102Page - Intel Corporation 915GL Datasheet HTML 103Page - Intel Corporation 915GL Datasheet HTML 104Page - Intel Corporation 915GL Datasheet HTML 105Page - Intel Corporation 915GL Datasheet HTML 106Page - Intel Corporation 915GL Datasheet HTML 107Page - Intel Corporation 915GL Datasheet HTML 108Page - Intel Corporation 915GL Datasheet HTML 109Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 426 page
background image
MCHBAR Registers
R
Datasheet
105
Bit
Access &
Default
Description
6:4
R/W
000 b
Mode Select (SMS). These bits select the special operational mode of the DRAM
interface. The special modes are intended for initialization at power up.
000 = Post Reset state – When the (G)MCH exits reset (power-up or otherwise),
the mode select field is cleared to “000”.
During any reset sequence, while power is applied and reset is active, the
(G)MCH de-asserts all CKE signals. After internal reset is de-asserted,
CKE signals remain de-asserted until this field is written to a value
different than “000”. On this event, all CKE signals are asserted.
During suspend, (G)MCH internal signal triggers DRAM controller to flush
pending commands and enter all ranks into Self-Refresh mode. As part of
resume sequence, (G)MCH will be reset – which will clear this bit field to
“000” and maintain CKE signals de-asserted. After internal reset is de-
asserted, CKE signals remain de-asserted until this field is written to a
value different than “000”. On this event, all CKE signals are asserted.
During entry to other low power states (C3, S1), (G)MCH internal signal
triggers DRAM controller to flush pending commands and enter all ranks
into Self-Refresh mode. During exit to normal mode, (G)MCH signal
triggers DRAM controller to exit Self-Refresh and resume normal
operation without S/W involvement.
001 = NOP Command Enable – All processor cycles to DRAM result in a NOP
command on the DRAM interface.
010 = All Banks Pre-charge Enable – All processor cycles to DRAM result in an
“all banks precharge” command on the DRAM interface.
011 = Mode Register Set Enable – All processor cycles to DRAM result in a
“mode register” set command on the DRAM interface. Host address lines
are mapped to DRAM address lines in order to specify the command sent.
Host address lines [12:3] are mapped to MA[9:0], and HA[13] is mapped
to MA[11].
101 = Reserved
110 = CBR Refresh Enable – In this mode all processor cycles to DRAM result in
a CBR cycle on the DRAM interface
111 = Normal operation
3:2
Reserved
1:0
RO
DRAM Type (DT). This field is used to select between supported SDRAM types.
This bit is controlled by the MTYPE strap signal.
00 = Reserved
01 = Dual Data Rate (DDR) SDRAM
10 = Second Revision Dual Data Rate (DDR2) SDRAM
11 = Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com