Electronic Components Datasheet Search
  English  ▼

X  

915GL Datasheet(PDF) 109 Page - Intel Corporation

Part # 915GL
Description  Express Chipset
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

915GL Datasheet(HTML) 109 Page - Intel Corporation

Back Button 915GL Datasheet HTML 105Page - Intel Corporation 915GL Datasheet HTML 106Page - Intel Corporation 915GL Datasheet HTML 107Page - Intel Corporation 915GL Datasheet HTML 108Page - Intel Corporation 915GL Datasheet HTML 109Page - Intel Corporation 915GL Datasheet HTML 110Page - Intel Corporation 915GL Datasheet HTML 111Page - Intel Corporation 915GL Datasheet HTML 112Page - Intel Corporation 915GL Datasheet HTML 113Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 426 page
background image
EPBAR Registers—Egress Port Register Summary
R
Datasheet
109
6
EPBAR Registers—Egress Port
Register Summary
These registers are offset from the EPBAR base address.
Table 6-1. Egress Port Register Address Map
Address
Offset
Register
Symbol
Register Name
Default
Value
Access
044h–047h
EPESD
EP Element Self Description
0000h
R/WO, RO
050h–053h
EPLE1D
EP Link Entry 1 Description
0100h
R/WO, RO
058h–
05Fh
EPLE1A
EP Link Entry 1 Address
000000000
0000000h
R/WO, RO
060h–063h
EPLE2D
EP Link Entry 2 Description
02000002h
R/WO, RO
068h–
06Fh
EPLE2A
EP Link Entry 2 Address
000000000
0008000h
RO
6.1
EP RCRB Configuration Register Details
Figure 6-1. Link Declaration Topology
PEG
(Port #2)
Egress_LinkDeclar_Topo
Egress Port
(Port #0)
DMI
(Port #1)
Link #2
(Type 1)
Link #1
(Type 0)
Link #2
(Type 0)
Link #1
(Type 0)
Egress Port
(Port #0)
X4
X16
(G)MCH
Main Memory
Subsystem
Intel® ICH6
Link #1
(Type 0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com