Electronic Components Datasheet Search
  English  ▼

X  

915GL Datasheet(PDF) 112 Page - Intel Corporation

Part # 915GL
Description  Express Chipset
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

915GL Datasheet(HTML) 112 Page - Intel Corporation

Back Button 915GL Datasheet HTML 108Page - Intel Corporation 915GL Datasheet HTML 109Page - Intel Corporation 915GL Datasheet HTML 110Page - Intel Corporation 915GL Datasheet HTML 111Page - Intel Corporation 915GL Datasheet HTML 112Page - Intel Corporation 915GL Datasheet HTML 113Page - Intel Corporation 915GL Datasheet HTML 114Page - Intel Corporation 915GL Datasheet HTML 115Page - Intel Corporation 915GL Datasheet HTML 116Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 426 page
background image
EPBAR Registers—Egress Port Register Summary
R
112
Datasheet
6.1.4
EPLE2D—EP Link Entry 2 Description
MMIO Range:
EPBAR
Address Offset:
060h
Default Value:
02000002h
Access:
R/WO, RO
Size:
32 bits
This register provides the First part of a Link Entry that declares an internal link to another Root
Complex Element.
Bit
Access &
Default
Description
31:24
RO
02h
Target Port Number: This field specifies the port number associated with the
element targeted by this link entry (PCI Express* x16 interface). The target port
number is with respect to the component that contains this element as specified
by the target component ID.
23:16
R/WO
00h
Target Component ID: This field identifies the physical or logical component that
is targeted by this link entry. A value of 0 is reserved; Component IDs start at 1.
This value is a mirror of the value in the Component ID field of all elements in this
component. The value only needs to be written in one of the mirrored fields and it
will be reflected everywhere that it is mirrored.
15:2
Reserved
1
RO
1b
Link Type:
1 = Link points to configuration space of the integrated device that controls the
x16 root port. The link address specifies the configuration address (segment,
bus, device, function) of the target root port.
0
R/WO
0b
Link Valid
0 = Link Entry is not valid and will be ignored.
1 = Link Entry specifies a valid link.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com