Electronic Components Datasheet Search
  English  ▼

X  

915GL Datasheet(PDF) 136 Page - Intel Corporation

Part # 915GL
Description  Express Chipset
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

915GL Datasheet(HTML) 136 Page - Intel Corporation

Back Button 915GL Datasheet HTML 132Page - Intel Corporation 915GL Datasheet HTML 133Page - Intel Corporation 915GL Datasheet HTML 134Page - Intel Corporation 915GL Datasheet HTML 135Page - Intel Corporation 915GL Datasheet HTML 136Page - Intel Corporation 915GL Datasheet HTML 137Page - Intel Corporation 915GL Datasheet HTML 138Page - Intel Corporation 915GL Datasheet HTML 139Page - Intel Corporation 915GL Datasheet HTML 140Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 426 page
background image
Host-PCI Express* Bridge Registers (D1:F0)
(Intel® 82915G/82915P/82915PL Only)
R
136
Datasheet
8.1.14
SSTS1—Secondary Status (D1:F0)
PCI Device:
1
Address Offset:
1Eh
Default Value:
00h
Access:
RO, R/W/C
Size:
16 bits
SSTS1 is a 16-bit status register that reports the occurrence of error conditions associated with
secondary side (i.e., PCI Express Graphics side) of the “virtual” PCI-PCI Bridge in the (G)MCH.
Bit
Access &
Default
Description
15
R/WC
0b
Detected Parity Error (DPE):
1 = The MCH received across the link (upstream) a Posted Write Data Poisoned
TLP (EP=1).
14
R/WC
0b
Received System Error (RSE):
1 = Secondary side sends an ERR_FATAL or ERR_NONFATAL message due to
an error detected by the secondary side, and the SERR Enable bit in the
Bridge Control register is 1.
13
R/WC
0b
Received Master Abort (RMA):
1 = Secondary Side for Type 1 Configuration Space Header Device (for requests
initiated by the Type 1 Header Device itself) receives a completion with
Unsupported Request Completion Status.
12
R/WC
0b
Received Target Abort (RTA):
1 = Secondary Side for Type 1 Configuration Space Header Device (for requests
initiated by the Type 1 Header Device itself) receives a completion with
Completer Abort Completion Status.
11
RO
0b
Signaled Target Abort (STA): Hardwired to 0. The (G)MCH does not generate
Target Aborts (the (G)MCH will never complete a request using the Completer
Abort Completion status).
10:9
RO
00b
DEVSELB Timing (DEVT): Hardwired to 0.
8
R/WC
0b
Master Data Parity Error (SMDPE).
1 = The MCH received across the link (upstream) a Read Data Completion
Poisoned TLP (EP=1).
Note: This bit can only be set when the Parity Error Enable bit in the Bridge
Control register is set.
7
RO
0b
Fast Back-to-Back (FB2B): Hardwired to 0.
6
Reserved
5
RO
0b
66/60 MHz capability (CAP66): Hardwired to 0.
4:0
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com