Electronic Components Datasheet Search
  English  ▼

X  

915GL Datasheet(PDF) 220 Page - Intel Corporation

Part # 915GL
Description  Express Chipset
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

915GL Datasheet(HTML) 220 Page - Intel Corporation

Back Button 915GL Datasheet HTML 216Page - Intel Corporation 915GL Datasheet HTML 217Page - Intel Corporation 915GL Datasheet HTML 218Page - Intel Corporation 915GL Datasheet HTML 219Page - Intel Corporation 915GL Datasheet HTML 220Page - Intel Corporation 915GL Datasheet HTML 221Page - Intel Corporation 915GL Datasheet HTML 222Page - Intel Corporation 915GL Datasheet HTML 223Page - Intel Corporation 915GL Datasheet HTML 224Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 220 / 426 page
background image
System Address Map
R
220
Datasheet
11.4.9
I/O Address Space
The (G)MCH does not support the existence of any other I/O devices beside itself on the
processor bus. The (G)MCH generates either DMI or PCI Express bus cycles for all processor I/O
accesses that it does not claim. Within the host bridge, the (G)MCH contains two internal
registers in the processor I/O space. These locations are used to implement a configuration space
access mechanism.
The processor allows 64 KB+3 bytes to be addressed within the I/O space. The (G)MCH
propagates the processor I/O address without any translation on to the destination bus; therefore,
providing addressability for 64 KB+3 byte locations. Note that the upper 3 locations can be
accessed only during I/O address wrap-around when processor bus HA16# address signal is
asserted. HA16# is asserted on the processor bus when an I/O access is made to 4 bytes from
address 0FFFDh, 0FFFEh, or 0FFFFh. HA16# is also asserted when an I/O access is made to
2 bytes from address 0FFFFh.
For the 828915G GMCH, a set of I/O accesses (other than ones used for configuration space
access) are consumed by the internal graphics device if it is enabled. The mechanisms for internal
graphics I/O decode and the associated control are explained later.
The I/O accesses (other than ones used for configuration space access) are forwarded normally to
the DMI bus unless they fall within the PCI Express I/O address range as defined by the
mechanisms explained below. I/O writes are not posted. Memory writes to the ICH6 or PCI
Express are posted.
The (G)MCH responds to I/O cycles initiated on PCI Express or DMI with a UR status. Upstream
I/O cycles and configuration cycles should never occur. If one does occur, the request will route
as a read to memory address 0h so a completion is naturally generated (whether the original
request was a read or write). The transaction will complete with a UR completion status.
11.4.10
PCI Express* I/O Address Mapping (Intel
®
82915G/82915P/82915PL Only)
The (G)MCH can be programmed to direct non-memory (I/O) accesses to the PCI Express bus
interface when processor-initiated I/O cycle addresses are within the PCI Express I/O address
range.
11.4.11
(G)MCH Decode Rules and Cross-Bridge Address Mapping
The following are (G)MCH decode rules and cross-bridge address mapping used in this chipset:
• VGAA = 000A_0000h – 000A_FFFFh
• MDA = 000B_0000h – 000B_7FFFh
• VGAB = 000B_8000h – 000B_FFFFh
• MAINMEM = 0100_0000 to TOLUD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com