Electronic Components Datasheet Search
  English  ▼

X  

915GL Datasheet(PDF) 239 Page - Intel Corporation

Part # 915GL
Description  Express Chipset
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

915GL Datasheet(HTML) 239 Page - Intel Corporation

Back Button 915GL Datasheet HTML 235Page - Intel Corporation 915GL Datasheet HTML 236Page - Intel Corporation 915GL Datasheet HTML 237Page - Intel Corporation 915GL Datasheet HTML 238Page - Intel Corporation 915GL Datasheet HTML 239Page - Intel Corporation 915GL Datasheet HTML 240Page - Intel Corporation 915GL Datasheet HTML 241Page - Intel Corporation 915GL Datasheet HTML 242Page - Intel Corporation 915GL Datasheet HTML 243Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 239 / 426 page
background image
Functional Description
R
Datasheet
239
The GMCH supports up to 12 Levels-of-Detail (LODs) ranging in size from 2048x2048 to 1x1
texels. Textures need not be square. Included in the texture processor is a texture cache, which
provides efficient MIP-mapping.
The GMCH supports 7 types of texture filtering:
• Nearest (aka Point Filtering): Texel with coordinates nearest to the desired pixel is used.
(This is used if only one LOD is present).
• Linear (aka Bilinear Filtering): A weighted average of a 2x2 area of texels surrounding the
desired pixel is used. (This is used if only one LOD is present).
• Nearest MIP Nearest (aka Point Filtering): This is used if many LODs are present. The
nearest LOD is chosen and the texel with coordinates nearest to the desired pixel is used.
• Linear MIP Nearest (Bilinear MIP Mapping): This is used if many LODs are present. The
nearest LOD is chosen and a weighted average of a 2x2 area of texels surrounding the
desired pixel is used (four texels). This is also referred to as Bilinear MIP Mapping.
• Nearest MIP Linear (Point MIP Mapping): This is used if many LODs are present. Two
appropriate LODs are selected and within each LOD the texel with coordinates nearest to the
desired pixel is selected. The Final texture value is generated by linear interpolation between
the two texels selected from each of the MIP Maps.
• Linear MIP Linear (Trilinear MIP Mapping): This is used if many LODs are present. Two
appropriate LODs are selected and a weighted average of a 2x2 area of texels surrounding the
desired pixel in each MIP Map is generated (four texels per MIP Map). The Final texture
value is generated by linear interpolation between the two texels generated for each of the
MIP Maps. Trilinear MIP Mapping is used minimize the visibility of LOD transitions across
the polygon.
• Anisotropic MIP Nearest (Anisotropic Filtering): This is used if many LODs are present. The
nearest LOD-1 level will be determined for each of four sub-samples for the desired pixel.
These four sub-samples are then bilinear filtered and averaged together.
Both D3D (DirectX 6.0 and later) and OpenGL (Revision 1.1) allow support for all these filtering
modes.
12.6.3.7
Multiple Texture Composition
The GMCH also performs multiple texture composition. This allows the combination of two or
greater MIP Maps to produce a new one with new LODs and texture attributes in a single or
iterated pass. Flexible vertex format support allows multitexturing because it makes it possible to
pass more than one texture in the vertex structure.
12.6.3.8
Bi-Cubic Filter (4x4 Programmable Texture Filter)
A bi-cubic texture filter can be selected instead of the bilinear filter. The implementation is of a
4x4 separable filter with loadable coefficients. A 4x4 filter can be used for providing high-quality
up/ down scaling of 2D or 3D rendered images.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com