Electronic Components Datasheet Search
  English  ▼

X  

915GL Datasheet(PDF) 395 Page - Intel Corporation

Part # 915GL
Description  Express Chipset
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

915GL Datasheet(HTML) 395 Page - Intel Corporation

Back Button 915GL Datasheet HTML 391Page - Intel Corporation 915GL Datasheet HTML 392Page - Intel Corporation 915GL Datasheet HTML 393Page - Intel Corporation 915GL Datasheet HTML 394Page - Intel Corporation 915GL Datasheet HTML 395Page - Intel Corporation 915GL Datasheet HTML 396Page - Intel Corporation 915GL Datasheet HTML 397Page - Intel Corporation 915GL Datasheet HTML 398Page - Intel Corporation 915GL Datasheet HTML 399Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 395 / 426 page
background image
Ballout and Package Information
R
Datasheet
395
Intel
® 82915GL
GMCH
6
Intel
® 82915PL
MCH
5
Intel
® 82915P
MCH
1
Intel
® 82915G
GMCH
2
Intel
® 82915GV
GMCH
3
Intel
® 82910GL
GMCH
4
Ball #
VTT
VTT
VTT
VTT
VTT
VTT
B20
VTT
VTT
VTT
VTT
VTT
VTT
B21
VTT
VTT
VTT
VTT
VTT
VTT
B22
VTT
VTT
VTT
VTT
VTT
VTT
C19
VTT
VTT
VTT
VTT
VTT
VTT
C20
VTT
VTT
VTT
VTT
VTT
VTT
C21
VTT
VTT
VTT
VTT
VTT
VTT
C22
VTT
VTT
VTT
VTT
VTT
VTT
D19
VTT
VTT
VTT
VTT
VTT
VTT
D20
VTT
VTT
VTT
VTT
VTT
VTT
D21
VTT
VTT
VTT
VTT
VTT
VTT
D22
VTT
VTT
VTT
VTT
VTT
VTT
E19
VTT
VTT
VTT
VTT
VTT
VTT
E20
VTT
VTT
VTT
VTT
VTT
VTT
E21
VTT
VTT
VTT
VTT
VTT
VTT
E22
VTT
VTT
VTT
VTT
VTT
VTT
F20
VTT
VTT
VTT
VTT
VTT
VTT
F21
VTT
VTT
VTT
VTT
VTT
VTT
F22
VTT
VTT
VTT
VTT
VTT
VTT
G21
VTT
VTT
VTT
VTT
VTT
VTT
G22
VTT
VTT
VTT
VTT
VTT
VTT
H22
NOTES:
1. DDR, PCI Express* x16 Graphics Interface, No DAC, No Intel
® SDVO
2. DDR, PCI Express* x16 Graphics Interface, DAC, Intel
® SDVO
3. DDR, No PCI Express* x16 Graphics Interface, DAC, Intel
® SDVO
4. DDR (One DIMM per Channel), No PCI Express* x16 Graphics Interface, DAC, Intel
® SDVO
5. DDR (One DIMM per Channel), PCI Express* x16 Graphics Interface, No DAC, No Intel
® SDVO
6. DDR, No PCI Express* x16 Graphics Interface, DAC, Intel
® SDVO
14.3
Package Information
The (G)MCH package measures 37.5 mm × 37.5 mm. The 1210 balls are located in a non-grid
pattern. For example, the ball pitch varies from 31.8 mils to 43.0 mils, depending upon the
X-axis or Y-axis direction. Figure 14-7 shows the physical dimensions of the package and
Figure 14-8 shows the (G)MCH keep-out regions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com