Electronic Components Datasheet Search
  English  ▼

X  

915GL Datasheet(PDF) 400 Page - Intel Corporation

Part # 915GL
Description  Express Chipset
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

915GL Datasheet(HTML) 400 Page - Intel Corporation

Back Button 915GL Datasheet HTML 396Page - Intel Corporation 915GL Datasheet HTML 397Page - Intel Corporation 915GL Datasheet HTML 398Page - Intel Corporation 915GL Datasheet HTML 399Page - Intel Corporation 915GL Datasheet HTML 400Page - Intel Corporation 915GL Datasheet HTML 401Page - Intel Corporation 915GL Datasheet HTML 402Page - Intel Corporation 915GL Datasheet HTML 403Page - Intel Corporation 915GL Datasheet HTML 404Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 400 / 426 page
background image
Testability
R
400
Datasheet
15.2
XOR Test Mode Initialization for DDR
XOR test mode (DDR) can be entered by pulling the reserved ballout RSV (located at F15) low
through the de-assertion of external reset (RSTIN#). It was intended that no clocks should be
required to enter this test mode; however, it is recommended that customers used the following
sequence.
On power up, hold PWROK, PCIRST#, and reserved ballout RSV (located at F15) low and start
external clocks, refer to the timing diagram below. After a few clock cycles, pull PWROK high.
After ~3–4 clocks, de-assert PCIRST# (pull it high). Release reserved ballout RSV (located at
F15). No external drive. Allow the clocks to run for an additional 32 clocks. Begin testing the
XOR chains. Refer to timing diagram in below.
15.3
XOR Test Mode Initialization for DDR2
XOR test mode (DDR2) can be entered by pulling reserved ballout RSV(located at F15) and
MTYPE low through the de-assertion of external reset (RSTIN#). It was intended that no clocks
should be required to enter this test mode; however, it is recommended that customers use the
following sequence.
On power up, hold PWROK, PCIRST#, and reserved ballout RSV (located at F15) low and start
external clocks. After a few clock cycles, pull PWROK high. After ~3-4 clocks, de-assert
PCIRST# (pull it high). Release reserved ballout RSV (located at F15) and MTYPE. No external
drive. Allow the clocks to run for an additional 32 clocks. Begin testing the XOR chains. Refer to
Figure 15-1.
Figure 15-1. XOR Test Mode Initialization Cycles
PWROK
RSV_F15
MTYPE
Don’t Care
Don’t Care
RSTIN#
1 if DDR1; 0 if DDR2
~3-4 Clocks
32 clocks
Start XOR testing
XOR_Chain_Tim



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com