Electronic Components Datasheet Search
  English  ▼

X  

6402 Datasheet(PDF) 234 Page - Intel Corporation

Part # 6402
Description  Advanced Memory Buffer
PDF  250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

6402 Datasheet(HTML) 234 Page - Intel Corporation

Back Button 6402 Datasheet HTML 230Page - Intel Corporation 6402 Datasheet HTML 231Page - Intel Corporation 6402 Datasheet HTML 232Page - Intel Corporation 6402 Datasheet HTML 233Page - Intel Corporation 6402 Datasheet HTML 234Page - Intel Corporation 6402 Datasheet HTML 235Page - Intel Corporation 6402 Datasheet HTML 236Page - Intel Corporation 6402 Datasheet HTML 237Page - Intel Corporation 6402 Datasheet HTML 238Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 234 / 250 page
background image
Registers
234
Intel® 6400/6402 Advanced Memory Buffer Datasheet
14.8.2.5
SBFIBRXMSK: SB Intel IBIST Receiver Mask Register
This register enables Intel IBIST operations for individual lanes. This mask only applies
to receivers and not transmitters.
14.8.2.6
SBFIBTXSHFT: SB Intel IBIST Transmitter Inversion Shift Register
Each bit in this register enables inverting the patterns that is driven on corresponding
lanes. If AUTOINVSWPEN bit is set in port control register, the TXINVSHFT field is
rotated left at the completion of each pattern buffer set.
14.8.2.7
SBFIBRXSHFT: SB Intel IBIST Receiver Inversion Shift Register
Each bit in this register enables inverting the patterns that is received on corresponding
lanes. If AUTOINVSWPEN bit is set in port control register, the RXINVSHFT field is
rotated left at the completion of each pattern buffer set.
14.8.2.8
SBFIBRXLNERR: SB Intel IBIST Receiver Lane Error Status
This records the error status from each lane.
Device:
NodeID
Function: 6
Offset:
90h
Bit
Attr
Default
Description
31:10
RV
000000h
Reserved
9:0
RWST
3FFh
RXMASK: Selects which channels to enable for testing.
Device:
NodeID
Function: 6
Offset:
94h
Bit
Attr
Default
Description
31:10
RV
000000h
Reserved
9:0
RWST
3FFh
TXINVSHFT: Transmitter Inversion Shift Register.
Device:
NodeID
Function: 6
Offset:
98h
Bit
Attr
Default
Description
31:10
RV
000000h
Reserved
9:0
RWST
3FFh
RXINVSHFT: Receiver Inversion Shift Register.
Device:
NodeID
Function: 6
Offset:
9Ch
Bit
Attr
Default
Description
31:10
RV
000000h
Reserved
9:0
ROST
000h
RXERRSTAT: Receiver Error Status



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com