Electronic Components Datasheet Search
  English  ▼

X  

D201GLY Datasheet(PDF) 67 Page - Intel Corporation

Part # D201GLY
Description  Technical Product Specification
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

D201GLY Datasheet(HTML) 67 Page - Intel Corporation

Back Button D201GLY Datasheet HTML 63Page - Intel Corporation D201GLY Datasheet HTML 64Page - Intel Corporation D201GLY Datasheet HTML 65Page - Intel Corporation D201GLY Datasheet HTML 66Page - Intel Corporation D201GLY Datasheet HTML 67Page - Intel Corporation D201GLY Datasheet HTML 68Page - Intel Corporation D201GLY Datasheet HTML 69Page - Intel Corporation D201GLY Datasheet HTML 70Page - Intel Corporation D201GLY Datasheet HTML 71Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 76 page
background image
Overview of BIOS Features
67
3.6.1
Language Support
The BIOS Setup program and help messages are supported in US English. Additional
languages are available in the Intel® Integrator Toolkit utility. Check the Intel website
for details.
3.6.2
Custom Splash Screen
During POST, an Intel® splash screen is displayed by default. This splash screen can
be augmented with a custom splash screen. The Intel Integrator Toolkit that is
available from Intel can be used to create a custom splash screen.
NOTE
If you add a custom splash screen, it will share space with the Intel branded logo.
For information about
Refer to
Intel® Integrator Toolkit
http://developer.intel.com/design/motherbd/software/itk/
3.7
Boot Options
In the BIOS Setup program, the user can choose to boot from a hard drive, CD-ROM,
or the network. The default setting is for the hard drive to be the first boot device, the
ATAPI CD-ROM second, and the network third. The fourth device is disabled.
3.7.1
CD-ROM Boot
Booting from CD-ROM is supported in compliance to the El Torito bootable CD-ROM
format specification. Under the Boot menu in the BIOS Setup program, ATAPI CD-
ROM is listed as a boot device. Boot devices are defined in priority order. Accordingly,
if there is not a bootable CD in the CD-ROM drive, the system will attempt to boot
from the next defined drive.
3.7.2
Network Boot
The network can be selected as a boot device. This selection allows booting from the
onboard LAN or a network add-in card with a remote boot ROM installed.
Pressing the <F12> key during POST automatically forces booting from the LAN. To
use this key during POST, the User Access Level in the BIOS Setup program's Security
menu must be set to Full.
3.7.3
Booting Without Attached Devices
For use in embedded applications, the BIOS has been designed so that after passing
the POST, the operating system loader is invoked even if the following devices are not
present:
•
Video adapter
•
Keyboard
•
Mouse



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com