Electronic Components Datasheet Search
  English  ▼

X  

D201GLY Datasheet(PDF) 24 Page - Intel Corporation

Part # D201GLY
Description  Technical Product Specification
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

D201GLY Datasheet(HTML) 24 Page - Intel Corporation

Back Button D201GLY Datasheet HTML 20Page - Intel Corporation D201GLY Datasheet HTML 21Page - Intel Corporation D201GLY Datasheet HTML 22Page - Intel Corporation D201GLY Datasheet HTML 23Page - Intel Corporation D201GLY Datasheet HTML 24Page - Intel Corporation D201GLY Datasheet HTML 25Page - Intel Corporation D201GLY Datasheet HTML 26Page - Intel Corporation D201GLY Datasheet HTML 27Page - Intel Corporation D201GLY Datasheet HTML 28Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 76 page
background image
Intel Desktop Board D201GLY Technical Product Specification
24
1.7.2
Parallel Port
The 25-pin D-Sub parallel port connector is located on the back panel. Use the BIOS
Setup program to set the parallel port mode.
For information about
Refer to
The location of the parallel port connector
Figure 6, page 37
1.7.3
Keyboard and Mouse Interface
PS/2 keyboard and mouse connectors are located on the back panel.
NOTE
The keyboard is supported in the bottom PS/2 connector and the mouse is supported
in the top PS/2 connector. Power to the computer should be turned off before a
keyboard or mouse is connected or disconnected.
For information about
Refer to
The location of the keyboard and mouse connectors
Figure 6, page 37
1.8
Audio Subsystem
The audio subsystem consists of the following devices:
•
SiS964L Southbridge
•
ADI AD1888 audio codec
The audio subsystem includes these features:
•
Signal-to-noise ratio ≥ 90 dB
•
Supports wake events (driver dependent)
•
Mic in pre-amp that supports dynamic, condenser, and electret microphones
The audio subsystem supports the following audio interfaces:
•
Front panel audio header, including pins for:
⎯ Line out
⎯ Mic in
•
Back panel audio connectors:
⎯ Line in
⎯ Line out
⎯ Mic in
1.8.1
Audio Subsystem Software
Audio software and drivers are available from Intel’s World Wide Web site.
For information about
Refer to
Obtaining audio software and drivers
Section 1.1.4, page 14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com