Electronic Components Datasheet Search
  English  ▼

X  

D201GLY Datasheet(PDF) 27 Page - Intel Corporation

Part # D201GLY
Description  Technical Product Specification
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

D201GLY Datasheet(HTML) 27 Page - Intel Corporation

Back Button D201GLY Datasheet HTML 23Page - Intel Corporation D201GLY Datasheet HTML 24Page - Intel Corporation D201GLY Datasheet HTML 25Page - Intel Corporation D201GLY Datasheet HTML 26Page - Intel Corporation D201GLY Datasheet HTML 27Page - Intel Corporation D201GLY Datasheet HTML 28Page - Intel Corporation D201GLY Datasheet HTML 29Page - Intel Corporation D201GLY Datasheet HTML 30Page - Intel Corporation D201GLY Datasheet HTML 31Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 76 page
background image
Product Description
27
1.10 Hardware Management Subsystem
The hardware management features enable the board to be compatible with the Wired
for Management (WfM) specification. The Winbond W83627DHG-B I/O controller is
used to implement hardware monitoring and fan control. The features of this I/O
controller include:
•
Internal ambient temperature sensor
•
Two remote thermal diode sensors for direct monitoring of processor temperature
and ambient temperature sensing
•
Power supply monitoring of four voltages (+5 V, +V_1P8__CORE, +VCCP, and
+12 V) to detect levels above or below acceptable values
•
Thermally monitored closed-loop fan control, for system fan, that can adjust the
fan speed or switch the fans on or off as needed
•
SMBus interface
1.10.1
Fan Monitoring
Fan monitoring can be implemented using Intel® Desktop Utilities, LANDesk* software,
or third-party software.
For information about
Refer to
The functions of the fan connectors
Section 1.11.2.2, page 31
1.11 Power Management
Power management is implemented at several levels, including:
•
Software support through Advanced Configuration and Power Interface (ACPI)
•
Hardware support:
⎯ Power connector
⎯ Fan connectors
⎯ LAN wake capabilities
⎯ Instantly Available PC technology
⎯ Resume on Ring
⎯ Wake from USB
⎯ Wake from PS/2 devices
⎯ Power Management Event signal (PME#) wake-up support



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com