Electronic Components Datasheet Search
  English  ▼

X  

D201GLY Datasheet(PDF) 76 Page - Intel Corporation

Part # D201GLY
Description  Technical Product Specification
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

D201GLY Datasheet(HTML) 76 Page - Intel Corporation

Back Button D201GLY Datasheet HTML 68Page - Intel Corporation D201GLY Datasheet HTML 69Page - Intel Corporation D201GLY Datasheet HTML 70Page - Intel Corporation D201GLY Datasheet HTML 71Page - Intel Corporation D201GLY Datasheet HTML 72Page - Intel Corporation D201GLY Datasheet HTML 73Page - Intel Corporation D201GLY Datasheet HTML 74Page - Intel Corporation D201GLY Datasheet HTML 75Page - Intel Corporation D201GLY Datasheet HTML 76Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 76 / 76 page
background image
Intel Desktop Board D201GLY Technical Product Specification
76
Table 37. Typical Port 80h POST Sequence
POST
Code
Description
21
Initializing a chipset component
22
Reading SPD from memory DIMMs
23
Detecting presence of memory DIMMs
25
Configuring memory
28
Testing memory
34
Loading recovery capsule
E4
Entered DXE phase
12
Starting Application processor initialization
13
SMM initialization
50
Enumerating PCI busses
51
Allocating resources to PCI bus
92
Detecting the presence of the keyboard
90
Resetting keyboard
94
Clearing keyboard input buffer
95
Keyboard Self Test
EB
Calling Video BIOS
58
Resetting USB bus
5A
Resetting PATA/SATA bus and all devices
92
Detecting the presence of the keyboard
90
Resetting keyboard
94
Clearing keyboard input buffer
5A
Resetting PATA bus and all devices
28
Testing memory
90
Resetting keyboard
94
Clearing keyboard input buffer
E7
Waiting for user input
01
INT 19
00
Ready to boot



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com