| Electronic Components Datasheet Search |
|
D201GLY Datasheet(PDF) 7 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
D201GLY Datasheet(HTML) 7 Page - Intel Corporation |
|
7 / 76 page ![]() Contents vii Figures 1. Board Components .......................................................................... 12 2. Block Diagram ................................................................................ 14 3. Back Panel Audio Connectors ............................................................ 25 4. LAN Connector LED Locations............................................................ 26 5. Location of the Standby Power Indicator LED....................................... 33 6. Back Panel Connectors ..................................................................... 37 7. Component-side Connectors and Headers ........................................... 38 8. Connection Diagram for Front Panel Header ........................................ 41 9. Connection Diagram for Front Panel USB Headers ................................ 43 10. Location of the Jumper Blocks ........................................................... 44 11. Board Dimensions ........................................................................... 46 12. Localized High Temperature Zones..................................................... 50 Tables 1. Feature Summary............................................................................ 10 2. Manufacturing Options ..................................................................... 11 3. Board Components Shown in Figure 1 ................................................ 13 4. Supported Memory Configurations ..................................................... 16 5. LAN Connector LED States ................................................................ 26 6. Effects of Pressing the Power Switch .................................................. 28 7. Power States and Targeted System Power........................................... 29 8. Wake-up Devices and Events ............................................................ 30 9. System Memory Map ....................................................................... 35 10. Back Panel Connectors Shown in Figure 6 ........................................... 37 11. Component-side Connectors and Headers Shown in Figure 7 ................. 39 12. Front Panel Audio Header ................................................................. 39 13. Chassis Fan Connector ..................................................................... 39 14. Main Power Connector...................................................................... 40 15. ATX12V Power Connector ................................................................. 40 16. Front Panel Header .......................................................................... 41 17. States for a One-Color Power LED ...................................................... 42 18. States for a Two-Color Power LED...................................................... 42 19. Front Panel Audio Header/Jumper Block.............................................. 45 20. BIOS Setup Configuration Jumper Settings.......................................... 45 21. DC Loading Characteristics ............................................................... 47 22. Fan Header Current Capability........................................................... 48 23. MTBF Values ................................................................................... 51 24. Environmental Specifications............................................................. 51 25. Safety Standards............................................................................. 52 26. Lead-Free Board Markings ................................................................ 58 27. EMC Regulations ............................................................................. 59 28. Product Certification Markings ........................................................... 61 29. BIOS Setup Program Menu Bar.......................................................... 64 30. BIOS Setup Program Function Keys.................................................... 64 31. Boot Device Menu Options ................................................................ 68 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |