Electronic Components Datasheet Search
  English  ▼

X  

D201GLY Datasheet(PDF) 74 Page - Intel Corporation

Part # D201GLY
Description  Technical Product Specification
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

D201GLY Datasheet(HTML) 74 Page - Intel Corporation

Back Button D201GLY Datasheet HTML 68Page - Intel Corporation D201GLY Datasheet HTML 69Page - Intel Corporation D201GLY Datasheet HTML 70Page - Intel Corporation D201GLY Datasheet HTML 71Page - Intel Corporation D201GLY Datasheet HTML 72Page - Intel Corporation D201GLY Datasheet HTML 73Page - Intel Corporation D201GLY Datasheet HTML 74Page - Intel Corporation D201GLY Datasheet HTML 75Page - Intel Corporation D201GLY Datasheet HTML 76Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 74 / 76 page
background image
Intel Desktop Board D201GLY Technical Product Specification
74
Table 36. Port 80h POST Codes (continued)
POST
Code
Description of POST Operation
Keyboard (PS/2 or USB)
90
Resetting keyboard
91
Disabling keyboard
92
Detecting presence of keyboard
93
Enabling keyboard
94
Clearing keyboard input buffer
95
Instructing keyboard controller to run Self Test (PS/2 only)
Mouse (PS/2 or USB)
98
Resetting mouse
99
Disabling mouse
9A
Detecting presence of mouse
9B
Enabling mouse
Fixed Media
B0
Resetting fixed media
B1
Disabling fixed media
B2
Detecting presence of a fixed media (IDE hard drive detection etc.)
B3
Enabling/configuring a fixed media
Removable media
B8
Resetting removable media
B9
Disabling removable media
BA
Detecting presence of a removable media (IDE, CD-ROM detection, etc.)
BC
Enabling/configuring a removable media
BDS
Dy
Trying boot selection y (y=0 to 15)
PEI Core
E0
Started dispatching PEIMs (emitted on first report of EFI_SW_PC_INIT_BEGIN
EFI_SW_PEI_PC_HANDOFF_TO_NEXT)
E2
Permanent memory found
E1, E3
Reserved for PEI/PEIMs
DXE Core
E4
Entered DXE phase
E5
Started dispatching drivers
E6
Started connecting drivers
continued



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com