Electronic Components Datasheet Search
  English  ▼

X  

D201GLY Datasheet(PDF) 63 Page - Intel Corporation

Part # D201GLY
Description  Technical Product Specification
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

D201GLY Datasheet(HTML) 63 Page - Intel Corporation

Back Button D201GLY Datasheet HTML 59Page - Intel Corporation D201GLY Datasheet HTML 60Page - Intel Corporation D201GLY Datasheet HTML 61Page - Intel Corporation D201GLY Datasheet HTML 62Page - Intel Corporation D201GLY Datasheet HTML 63Page - Intel Corporation D201GLY Datasheet HTML 64Page - Intel Corporation D201GLY Datasheet HTML 65Page - Intel Corporation D201GLY Datasheet HTML 66Page - Intel Corporation D201GLY Datasheet HTML 67Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 76 page
background image
63
3
Overview of BIOS Features
What This Chapter Contains
3.1 Introduction ................................................................................... 63
3.2 BIOS Flash Memory Organization ....................................................... 64
3.3 Resource Configuration .................................................................... 64
3.4 System Management BIOS (SMBIOS)................................................. 65
3.5 Legacy USB Support ........................................................................ 66
3.6 BIOS Updates ................................................................................. 66
3.7 Boot Options................................................................................... 67
3.8 Adjusting Boot Speed....................................................................... 68
3.9 BIOS Security Features .................................................................... 70
3.1
Introduction
The board uses an Intel BIOS that is stored in the SPI Flash device and can be
updated using a disk-based program. The SPI Flash device contains the BIOS Setup
program, POST, the PCI auto-configuration utility, and Plug and Play support.
The BIOS displays a message during POST identifying the type of BIOS and a revision
code. The initial production BIOSs are identified as LY66210M.86A.
When the BIOS Setup configuration jumper is set to configure mode and the computer
is powered-up, the BIOS compares the CPU version and the microcode version in the
BIOS and reports if the two match.
The BIOS Setup program can be used to view and change the BIOS settings for the
computer. The BIOS Setup program is accessed by pressing the <F2> key after the
Power-On Self-Test (POST) memory test begins and before the operating system boot
begins. The menu bar is shown below.
Maintenance
Main
Advanced
Security
Power
Boot
Exit
NOTE
The maintenance menu is displayed only when the board is in configure mode.
Section 2.3 on page 44 shows how to put the board in configure mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com