Electronic Components Datasheet Search
  English  ▼

X  

D201GLY Datasheet(PDF) 31 Page - Intel Corporation

Part # D201GLY
Description  Technical Product Specification
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

D201GLY Datasheet(HTML) 31 Page - Intel Corporation

Back Button D201GLY Datasheet HTML 27Page - Intel Corporation D201GLY Datasheet HTML 28Page - Intel Corporation D201GLY Datasheet HTML 29Page - Intel Corporation D201GLY Datasheet HTML 30Page - Intel Corporation D201GLY Datasheet HTML 31Page - Intel Corporation D201GLY Datasheet HTML 32Page - Intel Corporation D201GLY Datasheet HTML 33Page - Intel Corporation D201GLY Datasheet HTML 34Page - Intel Corporation D201GLY Datasheet HTML 35Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 76 page
background image
Product Description
31
Resume on Ring enables telephony devices to access the computer when it is in a
power-managed state. The method used depends on the type of telephony device
(external or internal).
NOTE
The use of Resume on Ring and Wake from USB technologies from an ACPI state
requires an operating system that provides full ACPI support.
1.11.2.1
Power Connector
ATX12V-compliant power supplies can turn off the system power through system
control. When an ACPI-enabled system receives the correct command, the power
supply removes all non-standby voltages.
When resuming from an AC power failure, the computer returns to the power state it
was in before power was interrupted (on or off). The computer’s response can be set
using the Last Power State feature in the BIOS Setup program’s Boot menu.
For information about
Refer to
The location of the main power connector
Figure 7, page 38
The signal names of the main power connector
Table 14, page 40
1.11.2.2
Fan Headers
The function/operation of the fan headers is as follows:
•
The fans are on when the board is in the S0 or S1 state.
•
The fans are off when the board is off or in the S4 or S5 state.
•
System fan header is wired to a fan tachometer input of the Winbond
W83627DHG-B I/O controller.
•
All fan headers have a +12 V DC connection.
For information about
Refer to
The signal names of the chassis fan headers
Table 13, page 39
1.11.2.3
LAN Wake Capabilities
CAUTION
For LAN wake capabilities, the +5 V standby line for the power supply must be capable
of providing adequate +5 V standby current. Failure to provide adequate standby
current when implementing LAN wake capabilities can damage the power supply.
LAN wake capabilities enable remote wake-up of the computer through a network.
The LAN network adapter monitors network traffic at the Media Independent Interface.
Upon detecting a Magic Packet* frame, the LAN subsystem asserts a wake-up signal
that powers up the computer. Depending on the LAN implementation, the board
supports LAN wake capabilities with ACPI in the following ways:
•
The PCI Conventional bus PME# signal for PCI 2.2 compliant LAN designs
•
The onboard LAN subsystem



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com