Electronic Components Datasheet Search
  English  ▼

X  

D201GLY Datasheet(PDF) 23 Page - Intel Corporation

Part # D201GLY
Description  Technical Product Specification
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

D201GLY Datasheet(HTML) 23 Page - Intel Corporation

Back Button D201GLY Datasheet HTML 19Page - Intel Corporation D201GLY Datasheet HTML 20Page - Intel Corporation D201GLY Datasheet HTML 21Page - Intel Corporation D201GLY Datasheet HTML 22Page - Intel Corporation D201GLY Datasheet HTML 23Page - Intel Corporation D201GLY Datasheet HTML 24Page - Intel Corporation D201GLY Datasheet HTML 25Page - Intel Corporation D201GLY Datasheet HTML 26Page - Intel Corporation D201GLY Datasheet HTML 27Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 76 page
background image
Product Description
23
1.6
S-Video Output
The D201GLY board supports S-Video output via 7 pin S-Video connector using
SiS307DV supporting both 4 pin S-Video and Composite signal.
For information about
Refer to
The Silicon Integrated Systems SiS307DV
http://www.sis.com/
1.7
Legacy I/O Controller
The Winbond W83672DHG-B Legacy I/O controller provides the following features:
•
One serial port
•
One parallel port with Extended Capabilities Port (ECP) and Enhanced Parallel Port
(EPP) support
•
Serial IRQ interface compatible with serialized IRQ support for PCI Conventional
bus systems
•
PS/2-style mouse and keyboard interfaces
•
Intelligent power management, including a programmable wake-up event interface
•
PCI Conventional bus power management support
The BIOS Setup program provides configuration options for the I/O controller.
1.7.1
Serial Port
The serial port A connector is located on the back panel. The serial port supports data
transfers at speeds up to 115.2 kbits/sec with BIOS support.
For information about
Refer to
The location of the serial port A connector
Figure 6, page 37



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com