Electronic Components Datasheet Search
  English  ▼

X  

D201GLY Datasheet(PDF) 30 Page - Intel Corporation

Part # D201GLY
Description  Technical Product Specification
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

D201GLY Datasheet(HTML) 30 Page - Intel Corporation

Back Button D201GLY Datasheet HTML 26Page - Intel Corporation D201GLY Datasheet HTML 27Page - Intel Corporation D201GLY Datasheet HTML 28Page - Intel Corporation D201GLY Datasheet HTML 29Page - Intel Corporation D201GLY Datasheet HTML 30Page - Intel Corporation D201GLY Datasheet HTML 31Page - Intel Corporation D201GLY Datasheet HTML 32Page - Intel Corporation D201GLY Datasheet HTML 33Page - Intel Corporation D201GLY Datasheet HTML 34Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 76 page
background image
Intel Desktop Board D201GLY Technical Product Specification
30
1.11.1.2
Wake-up Devices and Events
Table 8 lists the devices or specific events that can wake the computer from specific
states.
Table 8. Wake-up Devices and Events
These devices/events can wake up the
computer…
…from this state
LAN
S1, S4, S5 (Note)
Modem (back panel Serial Port A)
S1
PME# signal
S1, S4, S5 (Note)
Power switch
S1, S4, S5
PS/2 devices
S1
RTC alarm
S1, S4, S5
USB
S1
Note:
For LAN and PME# signal, S5 is disabled by default in the BIOS Setup program. Setting this option
to Power On will enable a wake-up event from LAN in the S5 state.
NOTE
The use of these wake-up events from an ACPI state requires an operating system
that provides full ACPI support. In addition, software, drivers, and peripherals must
fully support ACPI wake events.
1.11.2
Hardware Support
CAUTION
Ensure that the power supply provides adequate +5 V standby current if LAN wake
capabilities and Instantly Available PC technology features are used. Failure to do so
can damage the power supply. The total amount of standby current required depends
on the wake devices supported and manufacturing options.
The board provides several power management hardware features, including:
•
Power connector
•
Fan headers
•
LAN wake capabilities
•
Instantly Available PC technology
•
Resume on Ring
•
Wake from USB
•
Wake from PS/2 keyboard
•
PME# signal wake-up support
•
WAKE# signal wake-up support
LAN wake capabilities and Instantly Available PC technology require power from the
+5 V standby line.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com