Electronic Components Datasheet Search
  English  ▼

X  

D201GLY Datasheet(PDF) 47 Page - Intel Corporation

Part # D201GLY
Description  Technical Product Specification
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

D201GLY Datasheet(HTML) 47 Page - Intel Corporation

Back Button D201GLY Datasheet HTML 43Page - Intel Corporation D201GLY Datasheet HTML 44Page - Intel Corporation D201GLY Datasheet HTML 45Page - Intel Corporation D201GLY Datasheet HTML 46Page - Intel Corporation D201GLY Datasheet HTML 47Page - Intel Corporation D201GLY Datasheet HTML 48Page - Intel Corporation D201GLY Datasheet HTML 49Page - Intel Corporation D201GLY Datasheet HTML 50Page - Intel Corporation D201GLY Datasheet HTML 51Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 76 page
background image
Technical Reference
47
2.5
Electrical Considerations
2.5.1
DC Loading
Table 21 lists the DC loading characteristics of the board. This data is based on a DC
analysis of all active components within the board that impact its power delivery
subsystems. The analysis does not include PCI add-in cards. Minimum values assume
a light load placed on the board that is similar to an environment with no applications
running and no USB current draw. Maximum values assume a load placed on the
board that is similar to a heavy gaming environment with a 500 mA current draw per
USB port. These calculations are not based on specific processor values or memory
configurations but are based on the minimum and maximum current draw possible
from the board’s power delivery subsystems to the processor, memory, and USB
ports.
Use the datasheets for add-in cards, such as PCI, to determine the overall system
power requirements. The selection of a power supply at the system level is dependent
on the system’s usage model and not necessarily tied to a particular processor speed.
Table 21. DC Loading Characteristics
DC Current at:
Mode
DC Power
+3.3 V
+5 V
+12 V
-12 V
+5 VSB
Minimum loading
45 W
2.0 A
1.8 A
2.19 A
0 A
0.25 A
Maximum loading
175 W
4.42 A
17.88 A
5.15 A
0.1 A
1.19 A
2.5.2
Add-in Board Considerations
The board is designed to provide 2 A (average) of +5 V current for one add-in board.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com