Electronic Components Datasheet Search
  English  ▼

X  

D201GLY Datasheet(PDF) 51 Page - Intel Corporation

Part # D201GLY
Description  Technical Product Specification
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

D201GLY Datasheet(HTML) 51 Page - Intel Corporation

Back Button D201GLY Datasheet HTML 47Page - Intel Corporation D201GLY Datasheet HTML 48Page - Intel Corporation D201GLY Datasheet HTML 49Page - Intel Corporation D201GLY Datasheet HTML 50Page - Intel Corporation D201GLY Datasheet HTML 51Page - Intel Corporation D201GLY Datasheet HTML 52Page - Intel Corporation D201GLY Datasheet HTML 53Page - Intel Corporation D201GLY Datasheet HTML 54Page - Intel Corporation D201GLY Datasheet HTML 55Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 76 page
background image
Technical Reference
51
2.7
Reliability
The Mean Time Between Failures (MTBF) prediction is calculated using component and
subassembly random failure rates. The calculation is based on the Bellcore Reliability
Prediction Procedure, TR-NWT-000332, Issue 4, September 1991. The MTBF
prediction is used to estimate repair rates and spare parts requirements.
The MTBF data is calculated from predicted data at 55 ºC. Table 23 shows the MTBF
value for each of the D201GLY board’s manufacturing options:
Table 23.
MTBF Values
Product Code
MTBF Value
LAD201GLYT
327175.8832 hours
LAD201GLY
327175.8832 hours
BOX/BLKD201GLYL
339835.5196 hours
LAD201GLYT1
327175.8832 hours
LAD201GLYL1
327175.8832 hours
BOX/BLKD201GLYL1
339835.5196 hours
2.8
Environmental
Table 24 lists the environmental specifications for the board.
Table 24. Environmental Specifications
Parameter
Specification
Temperature
Non-Operating
-40 °C to +70 °C
Operating
0 °C to +55 °C
Shock
Unpackaged
50 g trapezoidal waveform
Velocity change of 170 inches/second
Packaged
Half sine 2 millisecond
Product Weight (pounds)
Free Fall (inches)
Velocity Change (inches/sec2)
<20
36
167
21-40
30
152
41-80
24
136
81-100
18
118
Vibration
Unpackaged
5 Hz to 20 Hz: 0.01 g² Hz sloping up to 0.02 g² Hz
20 Hz to 500 Hz: 0.02 g² Hz (flat)
Packaged
5 Hz to 40 Hz: 0.015 g² Hz (flat)
40 Hz to 500 Hz: 0.015 g² Hz sloping down to 0.00015 g² Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com