Electronic Components Datasheet Search
  English  ▼

X  

D201GLY Datasheet(PDF) 42 Page - Intel Corporation

Part # D201GLY
Description  Technical Product Specification
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

D201GLY Datasheet(HTML) 42 Page - Intel Corporation

Back Button D201GLY Datasheet HTML 38Page - Intel Corporation D201GLY Datasheet HTML 39Page - Intel Corporation D201GLY Datasheet HTML 40Page - Intel Corporation D201GLY Datasheet HTML 41Page - Intel Corporation D201GLY Datasheet HTML 42Page - Intel Corporation D201GLY Datasheet HTML 43Page - Intel Corporation D201GLY Datasheet HTML 44Page - Intel Corporation D201GLY Datasheet HTML 45Page - Intel Corporation D201GLY Datasheet HTML 46Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 76 page
background image
Intel Desktop Board D201GLY Technical Product Specification
42
2.2.2.3.1
Hard Drive Activity LED Header [Orange]
Pins 1 and 3 [Orange] can be connected to an LED to provide a visual indicator that
data is being read from or written to a hard drive. Proper LED function requires an
IDE hard drive connected to an onboard IDE connector.
2.2.2.3.2
Reset Switch Header [Blue]
Pins 5 and 7 [Blue] can be connected to a momentary single pole, single throw (SPST)
type switch that is normally open. When the switch is closed, the board resets and
runs the POST.
2.2.2.3.3
Power/Sleep LED Header [Green]
Pins 2 and 4 [Green] can be connected to a one- or two-color LED. Table 17 shows
the possible states for a one-color LED. Table 18 shows the possible states for a two-
color LED.
Table 17. States for a One-Color Power LED
LED State
Description
Off
Power off/sleeping
Steady Green
Running
Table 18. States for a Two-Color Power LED
LED State
Description
Off
Power off
Steady Green
Running
Steady Yellow
Sleeping
NOTE
The colors listed in Table 17 and Table 18 are suggested colors only. Actual LED
colors are product- or customer-specific.
2.2.2.3.4
Power Switch Header [Red]
Pins 6 and 8 [Red] can be connected to a front panel momentary-contact power
switch. The switch must pull the SW_ON# pin to ground for at least 50 ms to signal
the power supply to switch on or off. (The time requirement is due to internal
debounce circuitry on the board.) At least two seconds must pass before the power
supply will recognize another on/off signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com